Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM83 Datasheet(PDF) 37 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 37 Page - Microchip Technology

Back Button BM83 Datasheet HTML 33Page - Microchip Technology BM83 Datasheet HTML 34Page - Microchip Technology BM83 Datasheet HTML 35Page - Microchip Technology BM83 Datasheet HTML 36Page - Microchip Technology BM83 Datasheet HTML 37Page - Microchip Technology BM83 Datasheet HTML 38Page - Microchip Technology BM83 Datasheet HTML 39Page - Microchip Technology BM83 Datasheet HTML 40Page - Microchip Technology BM83 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
5.
Power Management Unit
The on-chip PMU integrates the battery (lithium-ion and lithium-polymer) charger, and voltage regulator. A power
switch is used to switch over the power source between the battery (BAT_IN) and an adapter (ADAP_IN). The PMU
provides current to drive two LEDs.
The battery charger supports various modes with features listed below:
• Charging control using current sensor
• User-programmable current regulation
• High accuracy voltage regulation
• Reviving
• Pre-charging
• Constant current and constant voltage modes
• Re-charging
The following figure illustrates the charging curve of a battery.
Figure 5-1. Battery Charging Curve
Reviving
Mode
Pre charge
Mode
Constant Current (CC)
Mode
Constant Voltage (CV)
Mode
Recharge
Mode
CV Voltage 4.2V
CC Current 0.5c
CC Voltage 3.0V
Pre charge Voltage 2.5V
Pre charge Current 0.1c
Reviving Current 2 mA
Recharge Voltage 4.1V
Recharge Current 0.25c
5.1
Power Supply
The BM83 module is powered through the BAT_IN input pin. The following figure illustrates the connection from the
BAT_IN pin to various other voltage supply pins of the IS2083BM SoC on the BM83 module. The external 5V power
adapter can be connected to ADAP_IN in order to charge the battery in battery powered applications or in USB
applications. Otherwise the ADAP_IN pin can be left floating if there is no battery utilized at BAT_IN pin.
BM83
Power Management Unit
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com