Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM83 Datasheet(PDF) 12 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 12 Page - Microchip Technology

Back Button BM83 Datasheet HTML 8Page - Microchip Technology BM83 Datasheet HTML 9Page - Microchip Technology BM83 Datasheet HTML 10Page - Microchip Technology BM83 Datasheet HTML 11Page - Microchip Technology BM83 Datasheet HTML 12Page - Microchip Technology BM83 Datasheet HTML 13Page - Microchip Technology BM83 Datasheet HTML 14Page - Microchip Technology BM83 Datasheet HTML 15Page - Microchip Technology BM83 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
2.2
BM83 Module Pin Description
The following table describes the pin description of the BM83 module.
Table 2-2. BM83 Module Pin Description
Pin
Number
Pin Name
Pin
Type
Description
1
DR1
I
I2S interface: digital left/right data
2
RFS1
I/O
I2S interface: digital left/right clock
3
SCLK1
I/ O
I2S interface: bit clock
4
DT1
O
I2S interface: digital left/right data
5
MCLK1
O
I2S interface: master clock
6
AOHPR
O
R-channel analog headphone output
7
AOHPM
O
Headphone common mode output/sense input
8
AOHPL
O
L-channel analog headphone output
9
MICN2
I
MIC 2 mono differential analog negative input
10
MICP2
I
MIC 2 mono differential analog positive input
11
AIR
I
R-channel single-ended analog input
12
AIL
I
L-channel single-ended analog input
13
MICN1
I
MIC 1 mono differential analog negative input
14
MICP1
I
MIC 1 mono differential analog positive input
15
MICBIAS
P
Electric microphone biasing voltage
16
GND
P
Ground reference
17
DMIC_CLK
O
Digital MIC clock output
18
DMIC1_R
I
Digital MIC right input
19
DMxIC1_L
I
Digital MIC left input
20
P3_2
I/O
GPIO port P3_2
21
P2_6
I/O
GPIO port P2_6
22
ADAP_IN
P
• 5V power adapter input
• To charge the battery in the Li-ion battery powered applications
• To be used for USB Device Firmware Upgrade (DFU)
• Otherwise it can be left floating
23
BAT_IN
P
• Power supply input; voltage range: 3.2V to 4.2V
• Source can either be a Li-ion battery or any other power rail on
the host board
24
SYS_PWR
P
System power output derived from BAT_IN or ADAP_IN power
source
25
VDD_IO
P
I/O power supply, do not connect, for internal use only (connected to
LDO31_VO)
26
PWR (MFB)
I
Multi-function push button and power on key
BM83
Device Overview
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com