Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM83 Datasheet(PDF) 45 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 45 Page - Microchip Technology

Back Button BM83 Datasheet HTML 41Page - Microchip Technology BM83 Datasheet HTML 42Page - Microchip Technology BM83 Datasheet HTML 43Page - Microchip Technology BM83 Datasheet HTML 44Page - Microchip Technology BM83 Datasheet HTML 45Page - Microchip Technology BM83 Datasheet HTML 46Page - Microchip Technology BM83 Datasheet HTML 47Page - Microchip Technology BM83 Datasheet HTML 48Page - Microchip Technology BM83 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
Figure 6-8. BM83 Module in I2S Master Mode
External DSP/
Codec
BCLK
DACLRC
ADCDAT
DACDAT
SCLK1
RFS1
DR1
DT1
BM83
MCLK
MCLK1
• Slave mode
– The BM83 serves as a slave to receive clock and frame synchronous signals from the external codec or
DSP devices, as illustrated in the following figure.
Figure 6-9. BM83 Module in I2S Slave Mode
External DSP/
Codec
BM83
ADCDAT
DR1
BCLK
SCLK1
DACLRC
RFS1
DACDAT
DT1
Note:  Use the Config Tool to configure the BM83 module as a master/slave.
6.3
Reset
The BM83 module provides a Watchdog Timer (WDT) to reset the chip. It has an integrated Power-on Reset (POR)
circuit that resets all circuits to a known power-on state. This action can be driven by an external reset signal, which
is used to control the device externally by forcing it into a POR state. The RST_N signal input is active-low and no
connection is required in most applications.
6.4
Configuring and Programming
6.4.1
Test Mode
The BM83 module can be configured by using the Config Tool and the firmware is programmed by using the isUpdate
tool. The following table provides the settings for configuring the BM83 module for Test mode or Application mode.
BM83
Application Information
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com