Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM83 Datasheet(PDF) 55 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 55 Page - Microchip Technology

Back Button BM83 Datasheet HTML 51Page - Microchip Technology BM83 Datasheet HTML 52Page - Microchip Technology BM83 Datasheet HTML 53Page - Microchip Technology BM83 Datasheet HTML 54Page - Microchip Technology BM83 Datasheet HTML 55Page - Microchip Technology BM83 Datasheet HTML 56Page - Microchip Technology BM83 Datasheet HTML 57Page - Microchip Technology BM83 Datasheet HTML 58Page - Microchip Technology BM83 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
9.
Electrical Characteristics
This section provides an overview of the BM83 stereo audio module electrical characteristics. The following table
provides the absolute maximum ratings for the BM83 module.
Table 9-1. Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Unit
Ambient temperature under bias
-40
—
+85
°C
Storage temperature
-40
—
+150
°C
Battery input voltage (BAT_IN)
—
—
+4.3
V
Adapter input voltage (ADAP_IN)
—
—
+7
V
Maximum output current sink by any I/O pin
—
—
12
mA
Maximum output current sourced by any I/O pin
—
—
12
mA
CAUTION
Stresses listed in the preceding table cause permanent damage to the device. This is a stress rating only.
The functional operation of the device at those or any other conditions and those indicated in the operation
listings of this specification are not implied. Exposure to maximum rating conditions for extended periods
affects device reliability.
The following tables provide the recommended operating conditions and the electrical specifications of the BM83
module.
Table 9-2. Recommended Operating Conditions (1)
Parameter
Min.
Typ.
Max.
Unit
Battery input voltage (BAT_IN)
3.2
3.8
4.2
V
Adapter input voltage (ADAP_IN)(2)
4.5
5
5.5
V
Operation temperature (TOPERATION)
-40
+25
+85
ºC
1.
The recommended operating condition tables reflect a typical voltage usage for the device.
2.
ADAP_IN is recommended to be used to charge the battery in battery powered applications, and/or
applications with USB functionality, else ADAP_IN can be left floating.
Table 9-3. I/O and Reset Level (1)
Parameter
Min.
Typ.
Max.
Unit
I/O supply voltage (VDD_IO)
3.0
3.3
3.6
V
I/O voltage levels
VIL input logic levels low
0
—
0.8
V
VIH input logic levels high
2.0
—
3.6
V
VOL output logic levels low
—
—
0.4
V
VOH output logic levels high
2.4
—
—
V
RST_N
Input low to high
threshold point
—
—
1.87
V
Input high to low
threshold point
1.25
—
—
V
BM83
Electrical Characteristics
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com