Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM2695 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SAM2695
Description  LOW POWER SINGLE CHIP SYNTHESIZER WITH EFFECTS AND BUILT-IN CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM2695 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SAM2695 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 3Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 4Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 5Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 6Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 7Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 8Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
SAM2695
1- PIN DESCRIPTION
1-1- PINS BY FUNCTION – 48-lead QFN Package
-
5VT
indicates a 5 volt tolerant Input or I/O pin.
-
DR4, DR8
indicates driving capability at VOL, VOH (see § 4- D.C. CHARACTERISTICS)
Power supply group
Pin name
Pin #
Type
Description
GND
9, 13, 18, 25,
36, 45, 48
PWR
DIGITAL GROUND
All pins should be connected to a ground plane
GND
exposed die
pad
PWR
DIGITAL GROUND
Ground supply; down bonded to the exposed die pad (heatsink).
It is recommended, but not obligatory, to connect this pad to a
ground plane during PCB layout
VD33
8, 11, 20, 31,
35, 41, 46
PWR
PERIPHERY POWER SUPPLY (+2.7V to 3.6V)
All VD33 pins should be returned to nominal +3.3V.
AGND
4
PWR
ANALOG GROUND
This pin should be connected to an analog ground plane
VA33
6
PWR
CODEC PERIPHERY ANALOG SUPPLY
This pin should be connected to a nominal 3.3V power through a
serial inductor filter (better result) or a 10 ohm resistor.
Serial MIDI, parallel MIDI
Pin name
Pin #
Type
Description
MIDI_IN
16
IN-5VT
Serial TTL MIDI IN. Connected to the built-in synthesizer at
power-up. This pin has a built-in pull up. It should be left open or
tied HIGH if not used.
D0-D7
24, 26-30,
32, 33
I/O
-5VT-DR8
8-bit data bus to host processor.
Information on these pins is parallel MIDI
A0
10
IN-5VT
Select data(0) or control(1) for write, data(0) or status(1) for
read.
CS/
14
IN-5VT
Chip select, active low. This pin has a built-in pull up. It should
be left unconnected if not used.
RD/
15
IN-5VT
Read, active low. When CS/ and RD/ are low, data (A0=0) or
status (A0=1) is read on D0-D7. Read data is acknowledged on
the rising edge of RD/.
WR/
12
IN-5VT
Write, active low. When CS/ and WR/ are low, data (A0=0) or
control (A0=1) is written from the D0-D7 bus to the SAM2695 on
the rising edge of WR/.
IRQ
42
OUT-DR4 A rising edge indicates that a MIDI byte is available for read on
D0-D7. Acknowledged by reading the byte.
Analog audio group
Pin name
Pin #
Type
Description
MICIN
7
IN
Analog microphone input.
AOUTL
1
OUT
Left channel audio line or headphones output
AOUTR
2
OUT
Right channel audio line or headphones output
VCM
5
OUT
Analog common-mode voltage. Should be stabilized by external
capacitors 10µF // 100nF to AGND.
VCMHPOUT
3
OUT
Analog headphones common-mode voltage buffer output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com