Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM2695 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SAM2695
Description  LOW POWER SINGLE CHIP SYNTHESIZER WITH EFFECTS AND BUILT-IN CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM2695 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SAM2695 Datasheet HTML 35Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 36Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 37Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 38Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 39Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 40Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 41Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 42Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
39
SAM2695
CODEC BLOCK DIAGRAM
SCF
DAC
DACSEL
Digital
Sigma-Delta
Modulator
HPAMP
Digital
Interpolation
Filter
OUTG[5:0]
+6 to -40dB: 1dB/step
-43.5, -58.5dB
VCM
buffer
Digital
Audio
Interface
SCF
DAC
Digital
Sigma-Delta
Modulator
HPAMP
Digital
Interpolation
Filter
OUTG[5:0]
DACSEL
Digital
Audio
Bus
DACMUTE
DACMUTE
MICBT
ING[5:0]
MICBT
0/+20dB
IPGA
+36 to -27dB: 1dB/step
Sigma-
Delta
Modulator
INMUTE
+6 to -40dB: 1dB/step
-43.5, -58.5dB
Digital
Decimation
Filter
High-Pass
Filter
ADCMUTE
HPF
Voltage
Reference
VCMHPOUT
AOUTR
AOUTL
MICIN
VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com