Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM2695 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # SAM2695
Description  LOW POWER SINGLE CHIP SYNTHESIZER WITH EFFECTS AND BUILT-IN CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM2695 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button SAM2695 Datasheet HTML 36Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 37Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 38Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 39Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 40Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 41Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 42Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 43Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 44Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
40
SAM2695
7- AUTO-TEST
A built-in auto-test program is included which can be used for board production testing.
To start auto-test, send NRPN 3751h = 23h
Sine waveforms at different frequencies will be output to the DAC to indicate the test in progress, as follows:
Test in progress
Output frequency
On chip RAM
1.18 kHz
On chip ROM
876 Hz
PASS
295 Hz
If PASS frequency is detected, this means that part is OK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com