Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM2695 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SAM2695
Description  LOW POWER SINGLE CHIP SYNTHESIZER WITH EFFECTS AND BUILT-IN CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM2695 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SAM2695 Datasheet HTML 17Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 18Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 19Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 20Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 21Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 22Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 23Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 24Page - List of Unclassifed Manufacturers SAM2695 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
SAM2695
SPATIAL EFFECT DEVICE
See Block diagram in Appendix.
Ctrl
#
CONTROL
NAME
Parameters (Data)
Action
Answer
30h
SUR_VOL
-Data(byte 0-FFh,0)
Spatial Effect volume
31h
SUR_DEL
-Data(byte 0-7Fh,1Dh)
Spatial Effect delay
32h
SUR_INP
-Data(byte 0/7Fh,0)
Input mono/stereo select for Spatial Effect
- SUR_VOL:
Spatial Effect volume.
Default=0
- SUR_DEL:
Delay time
Default=1Dh
- SUR_INP:
Input type select
0
Stereo (default), Stereo wide,
Input to delay line is left - right.
7Fh
Mono, Pseudo stereo
Input to delay line is left + right.
ROUTING MESSAGES
Ctrl
#
CONTROL
NAME
Parameters (Data)
Action
Answer
62h
GM_POST
-Data(byte 0/7Fh,7Fh)
Post effects applied on general MIDI
65h
MIKECH_POST
-Data(byte 0/7Fh,00h)
Post effects applied on Mike and Echo
66h
EFF_POST
-Data(byte 0/7Fh,7Fh)
Post effects applied on Reverb-chorus
- xxx_POST:
Post effects are Spatial Effect and Equalizer.
Post effects can be separately applied on each module. However general settings of post effects (EQ_xxx,
EQF_xxx, EQU_TYPE, SUR_VOL, SUR_DEL, SUR_INP) are common for all modules.
Data = 00h: post effects not applied on module.
Data = 7Fh: post effects applied on module.
MIDI MESSAGES
Ctrl
#
CONTROL
NAME
Parameters (Data)
Action
Answer
38h
GM_VOL
-Data(byte 0-FFh,FFh)
General MIDI volume
39h
GM_PAN
-Data(byte 0-7Fh,40h)
General MIDI pan
- GM_VOL
Range 0-FFh, linear scale.
Default value: GM_VOL=0FFh
- GM_PAN
0=hard left, 40h=center, 7Fh=hard right.
Same as GM system exclusive message « 40h 00h 06h »
Default value: GM_PAN=40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com