Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP291 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP291
Description  GaAs IRED & PHOTO-TRANSISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP291 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP291 Datasheet HTML 1Page - Toshiba Semiconductor TLP291 Datasheet HTML 2Page - Toshiba Semiconductor TLP291 Datasheet HTML 3Page - Toshiba Semiconductor TLP291 Datasheet HTML 4Page - Toshiba Semiconductor TLP291 Datasheet HTML 5Page - Toshiba Semiconductor TLP291 Datasheet HTML 6Page - Toshiba Semiconductor TLP291 Datasheet HTML 7Page - Toshiba Semiconductor TLP291 Datasheet HTML 8Page - Toshiba Semiconductor TLP291 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TLP291
2012-04-26
4
Coupled Electrical Characteristics (Unless otherwise specified, Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
50
-
400
Current transfer ratio
IC / IF
IF = 5 mA, VCE = 5 V
Rank GB
100
-
400
%
-
60
-
Saturated current transfer ratio
IC / IF (sat)
IF = 1 mA, VCE = 0.4 V
Rank GB
30
-
-
%
IC = 2.4 mA, IF = 8 mA
-
-
0.3
-
0.2
-
Collector-emitter saturation voltage
VCE (sat)
IC = 0.2 mA, IF = 1 mA
Rank GB
-
-
0.3
V
OFF-state collector current
IC (off)
VF = 0.7 V, VCE = 48 V
-
-
10
μA
Isolation Characteristics (Unless otherwise specified, Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Total capacitance (input to output)
CS
VS = 0 V, f = 1 MHz
-
0.8
-
pF
Isolation resistance
RS
VS = 500 V, R.H.≤60%
1×10
12
10
14
-
AC , 1 minute
3750
-
-
AC , 1 second, in OIL
-
10000
-
Vrms
Isolation voltage
BVS
DC , 1 minute, in OIL
-
10000
-
Vdc
Switching Characteristics (Unless otherwise specified, Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Rise time
tr
-
4
-
Fall time
tf
-
7
-
Turn-on time
ton
-
7
-
Turn-off time
toff
VCC = 10 V, IC = 2 mA
RL = 100Ω
-
7
-
μs
Turn-on time
ton
-
2
-
Storage time
ts
-
30
-
Turn-off time
toff
RL = 1.9 kΩ
(Fig.1)
VCC = 5 V, IF = 16 mA
-
60
-
μs
(Fig.1) Switching Time Test Circuit
ton
toff
Free Datasheet http://www.datasheet4u.net/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com