Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP291 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TLP291
Description  GaAs IRED & PHOTO-TRANSISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP291 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TLP291 Datasheet HTML 5Page - Toshiba Semiconductor TLP291 Datasheet HTML 6Page - Toshiba Semiconductor TLP291 Datasheet HTML 7Page - Toshiba Semiconductor TLP291 Datasheet HTML 8Page - Toshiba Semiconductor TLP291 Datasheet HTML 9Page - Toshiba Semiconductor TLP291 Datasheet HTML 10Page - Toshiba Semiconductor TLP291 Datasheet HTML 11Page - Toshiba Semiconductor TLP291 Datasheet HTML 12Page - Toshiba Semiconductor TLP291 Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TLP291
2012-04-26
11
Insulation Related Specifications
Minimum creepage distance
Cr
5.0mm
Minimum clearance
Cl
5.0mm
Minimum insulation thickness
ti
0.4mm
Comparative tracking index
CTl
175
1. If a printed circuit is incorporated, the creepage distance and clearance may be reduced below this value.
(e.g. at a standard distance between soldering eye centers of 3.5mm).
If this is not permissible, the user shall take suitable measures.
2. This photocoupler is suitable for ‘safe electrical isolation’ only within the safety limit data.
Maintenance of the safety data shall be ensured by means of protective circuit.
VDE test sign: Marking on product
for EN 60747
: Marking on packing
for EN 60747
Marking Example: TLP291
V
VDE
1pin mark
CTR rank mark
Lot No.
Type
V
Country of origin
e.g.) J; Japan
Option(V4) mark
Process Lot No.
Free Datasheet http://www.datasheet4u.net/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com