Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP291 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP291
Description  GaAs IRED & PHOTO-TRANSISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP291 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP291 Datasheet HTML 1Page - Toshiba Semiconductor TLP291 Datasheet HTML 2Page - Toshiba Semiconductor TLP291 Datasheet HTML 3Page - Toshiba Semiconductor TLP291 Datasheet HTML 4Page - Toshiba Semiconductor TLP291 Datasheet HTML 5Page - Toshiba Semiconductor TLP291 Datasheet HTML 6Page - Toshiba Semiconductor TLP291 Datasheet HTML 7Page - Toshiba Semiconductor TLP291 Datasheet HTML 8Page - Toshiba Semiconductor TLP291 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TLP291
2012-04-26
2
Current Transfer Ratio (CTR) Rank ( Unless otherwise specified, Ta = 25°C)
Note1: Specify both the part number and a rank in this format when ordering
(e.g.) rank GB: TLP291 (GB,E
For safety standard certification, however, specify the part number alone.
(e.g.)TLP291 (GB,E: TLP291
Current Transfer Ratio (%)
(IC / IF)
IF = 5 mA, VCE = 5 V, Ta = 25°C
TYPE
Classification
(Note1)
Min
Max
Marking of Classification
Blank
50
400
Blank, YE, Y+, GR, GB, G, G+,B
Rank Y
50
150
YE
Rank GR
100
300
GR
Rank GB
100
400
GB
Rank YH
75
150
Y+
Rank GRL
100
200
G
Rank GRH
150
300
G+
TLP291
Rank BLL
200
400
B
Free Datasheet http://www.datasheet4u.net/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com