Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7516 Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # P7516
Description  TriMode??Probe Family
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

P7516 Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  P7516 Datasheet HTML 1Page - TEKTRONIX, INC. P7516 Datasheet HTML 2Page - TEKTRONIX, INC. P7516 Datasheet HTML 3Page - TEKTRONIX, INC. P7516 Datasheet HTML 4Page - TEKTRONIX, INC. P7516 Datasheet HTML 5Page - TEKTRONIX, INC. P7516 Datasheet HTML 6Page - TEKTRONIX, INC. P7516 Datasheet HTML 7Page - TEKTRONIX, INC. P7516 Datasheet HTML 8Page - TEKTRONIX, INC. P7516 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TriMode probing, connectivity, and
performance
TriMode™ Probing Architecture
Before TriMode: 1 probe for differential; 2 probes for SE and common mode; or 1 probe
soldered and resoldered 3 times; 2 probes for common mode.
One-probe setup makes differential, single ended, and common mode
measurements accurately and definitively.
Tektronix is a known leader when it comes to signal fidelity and signal
acquisition. Building on our history of market-leading innovations in probing,
we invented a revolutionary probing architecture called “TriMode™ Probing”
that defines the next-generation industry benchmark for usability and signal
fidelity. This architecture changes the rules of probing and allows you to
work more effectively and efficiently. By enabling unique functionality, the
P7500 Series TriMode probes allow you to switch between differential,
single ended, and common mode measurements without moving the probe
from its connection points.
Improved productivity is achieved by reducing setup time. One setup can
be used to make the three different types of measurements all with the
press of a button. The TriMode Probe architecture for the P7500 Series
probes continues the Tektronix tradition of high-bandwidth and low-DUT
loading while providing improved connectivity and value.
After TriMode (P75TLRST): 1 probe for differential, single ended, and common mode,
with only 1 setup required.
Connectivity Plus – Solder Down – Handheld
– Fixtured
The P7500 Series TriMode probe architecture offers various levels of
connectivity and provides the highest probe fidelity available for real-time
oscilloscopes. The multipoint connectivity solutions of the P7500 Series
include:
TriMode Performance Solder Tip The highest-performance solder tip. Up to 25 GHz
bandwidth.
Datasheet
2 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com