Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7516 Datasheet(PDF) 3 Page - TEKTRONIX, INC.

Part # P7516
Description  TriMode??Probe Family
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

P7516 Datasheet(HTML) 3 Page - TEKTRONIX, INC.

  P7516 Datasheet HTML 1Page - TEKTRONIX, INC. P7516 Datasheet HTML 2Page - TEKTRONIX, INC. P7516 Datasheet HTML 3Page - TEKTRONIX, INC. P7516 Datasheet HTML 4Page - TEKTRONIX, INC. P7516 Datasheet HTML 5Page - TEKTRONIX, INC. P7516 Datasheet HTML 6Page - TEKTRONIX, INC. P7516 Datasheet HTML 7Page - TEKTRONIX, INC. P7516 Datasheet HTML 8Page - TEKTRONIX, INC. P7516 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TriMode Long-reach Solder Tip A high performance solder tip with a long reach and
very small, low-profile form factor. Up to 20 GHz bandwidth.
TriMode™ Long Reach Solder Tip (75 Ω tip resistor) A high performance solder tip for
use with memory chip interposers with embedded 100 Ω resistors. Up to 20 GHz
bandwidth.
TriMode™ Long Reach Solder Tip (0 Ω tip resistor) A high performance solder tip for
use with memory chip interposers with embedded 175 Ω resistors. Up to 20 GHz
bandwidth.
TriMode Resistor Solder Tip High-performance solder tip with easy-to-solder tip
resistors. Up to 18 GHz bandwidth.
TriMode Extended-resistor Solder Tip Medium-performance solder tip with long easy-
to-solder tip resistors. Up to 7 GHz bandwidth.
TriMode™ Probe Family - P7500 Series Datasheet
www.tek.com 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com