Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7516 Datasheet(PDF) 8 Page - TEKTRONIX, INC.

Part # P7516
Description  TriMode??Probe Family
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

P7516 Datasheet(HTML) 8 Page - TEKTRONIX, INC.

Back Button P7516 Datasheet HTML 4Page - TEKTRONIX, INC. P7516 Datasheet HTML 5Page - TEKTRONIX, INC. P7516 Datasheet HTML 6Page - TEKTRONIX, INC. P7516 Datasheet HTML 7Page - TEKTRONIX, INC. P7516 Datasheet HTML 8Page - TEKTRONIX, INC. P7516 Datasheet HTML 9Page - TEKTRONIX, INC. P7516 Datasheet HTML 10Page - TEKTRONIX, INC. P7516 Datasheet HTML 11Page - TEKTRONIX, INC. P7516 Datasheet HTML 12Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Ordering information
Models
All Include: One-year warranty, plus see Standard Accessories table.
P7520A
TriMode™ Differential Probe, 20 GHz, for TekConnect Interface Oscilloscopes.
P7516
TriMode™ Differential Probe, 16 GHz, for TekConnect Interface Oscilloscopes.
P7513A
TriMode™ Differential Probe, 13 GHz, for TekConnect Interface Oscilloscopes.
P7508
TriMode™ Differential Probe, 8 GHz, for TekConnect Interface Oscilloscopes.
P7506
TriMode™ Differential Probe, 6 GHz, for TekConnect Interface Oscilloscopes.
P7504
TriMode™ Differential Probe, 4 GHz, for TekConnect Interface Oscilloscopes.
Service options
Option
Description
CA1
Single Calibration or Functional Verification
C3
Calibration Service 3 Years
C5
Calibration Service 5 Years
D3
Calibration Data Report 3 Years (with Option C3)
D5
Calibration Data Report 5 Years (with Option C5)
G3
Complete Care 3 Years (includes loaner, scheduled calibration and more)
G5
Complete Care 5 Years (includes loaner, scheduled calibration and more)
R3
Repair Service 3 Years
R5
Repair Service 5 Years
Additional service products available during warranty (DW)
Product number
Description
R3PDW
Repair service coverage 3 years (includes product warranty period). 3-year period
starts at time of customer instrument purchase
R5PDW
Repair service coverage 5 years (includes product warranty period). 5-year period
starts at time of customer instrument purchase
Datasheet
8 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com