Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7516 Datasheet(PDF) 4 Page - TEKTRONIX, INC.

Part # P7516
Description  TriMode??Probe Family
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

P7516 Datasheet(HTML) 4 Page - TEKTRONIX, INC.

  P7516 Datasheet HTML 1Page - TEKTRONIX, INC. P7516 Datasheet HTML 2Page - TEKTRONIX, INC. P7516 Datasheet HTML 3Page - TEKTRONIX, INC. P7516 Datasheet HTML 4Page - TEKTRONIX, INC. P7516 Datasheet HTML 5Page - TEKTRONIX, INC. P7516 Datasheet HTML 6Page - TEKTRONIX, INC. P7516 Datasheet HTML 7Page - TEKTRONIX, INC. P7516 Datasheet HTML 8Page - TEKTRONIX, INC. P7516 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TriMode Micro-coax Tip Low-cost, quick-connect solder tips. Up to 4 GHz bandwidth.
TriMode High-temperature Tip When used with the 1.5 m Socket Cable XL, this tip can
be used in environments from –55 °C to 150 °C. Up to 10 GHz bandwidth with DSP.
Damped Wire Tip Low-cost solder tips ideal for high-density probing. Up to 8 GHz
bandwidth.
Precision Differential Probing Module High-performance handheld probing module.
Up to 18 GHz bandwidth.
Handheld and fixtured probing needs are met using the optional Precision
Differential Probing Module (P75PDPM). Its small precision tapered tips,
variable articulation of the probe tip, and quick-adjusting variable tip
spacing provides the needed flexibility for adapting to vias and other test
points of differing sizes from 30 mils to 180 mils.
These precision connectivity tools enable you to access multiple signals on
anything from convenient test pads to hard-to-reach, high-density circuitry.
Datasheet
4 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com