| Electronic Components Datasheet Search |
|
EM78P258NN Datasheet(PDF) 29 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P258NN Datasheet(HTML) 29 Page - ELAN Microelectronics Corp |
|
29 / 81 page ![]() EM78P258N 8-Bit Microprocessor with OTP ROM Product Specification (V1.0) 06.16.2005 • 23 (This specification is subject to change without further notice) 6.2.15 IOC81 (TCCC Counter) IOC81 (TCCC) is an 8-bit clock counter that can be extended to 16-bit counter. It can be read, written, and cleared on any reset condition. If HF (Bit 2 of IOCA0) = 1 and IRE (Bit 3 of IOCA0) = 1, TCCC counter scale uses the low-time segments of the pulse generated by Fcarrier frequency modulation (see Fig. 6-11 in Section 6.8.2, Function Description). Then TCCC value will be TCCC predict value. When HP = 0 or IRE = 0, the TCCC is an UP Counter. NOTE Under TCCC UP Counter mode: ■ TCCC timeout period [1/Fosc x scaler (IOCA0) x (256-TCCC cnt) x 1(CLK=2)] ■ TCCC timeout period [1/Fosc x scaler (IOCA0) x (256-TCCC cnt) x 2(CLK=4)] When HP = 1 and IRE = 1, TCCC counter scale uses the low-time segments of the pulse generated by Fcarrier frequency modulation. NOTE Under IR mode: ■ Fcarrier = FT/ 2 { [1+decimal TCCC Counter value (IOC81)] * TCCC Scale (IOCA0) } ■ FT is system clock: FT = Fosc/1 (CLK=2) FT = Fosc/2 (CLK=4) 6.2.16 IOC91 (Low-Time Register) The 8-bit Low-time register controls the active or Low segment of the pulse. The decimal value of its contents determines the number of oscillator cycles and verifies that the IR OUT pin is active. The active period of IR OUT can be calculated as follows: NOTE ■ Low time width = { [1+decimal low-time value (IOC91)] * Low time Scale(IOCB1) } / FT ■ FT is system clock: FT = Fosc/1 (CLK=2) FT = Fosc/2 (CLK=4) When an interrupt is generated by the Low time down counter underflow (when enabled), the next instruction will be fetched from address 015H (Low time). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |