Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3070310 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3070310
Description  Test disconnect terminal block - USST 6-T/SB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3070310 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3070310 Datasheet HTML 1Page - PHOENIX CONTACT 3070310 Datasheet HTML 2Page - PHOENIX CONTACT 3070310 Datasheet HTML 3Page - PHOENIX CONTACT 3070310 Datasheet HTML 4Page - PHOENIX CONTACT 3070310 Datasheet HTML 5Page - PHOENIX CONTACT 3070310 Datasheet HTML 6Page - PHOENIX CONTACT 3070310 Datasheet HTML 7Page - PHOENIX CONTACT 3070310 Datasheet HTML 8Page - PHOENIX CONTACT 3070310 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
https://www.phoenixcontact.com/us/products/3070310
01.11.2013   Page 3 / 19
Test disconnect terminal block - USST 6-T/SB - 3070310
Technical data
General
Test frequency
f1 = 5 Hz to f2 = 150 Hz
ASD level
0.02 g²/Hz
Acceleration
0.8 g
Test duration per axis
5 h
Test directions
X-, Y- and Z-axis
Oscillation, broadband noise test result
Test passed
Test specification, shock test
DIN EN 50155 (VDE 0115-200):2008-03
Shock form
Half-sine
Acceleration
5 g
Shock duration
30 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Shock test result
Test passed
Temperature index, insulating material (DIN EN 60216-1 (VDE 0304-21))
130 °C
Static insulating material application in cold
-60 °C
Dimensions
Length
82 mm
Width
8.2 mm
Height NS 35/7,5
52 mm
Height NS 35/15
59.5 mm
Height NS 32
57 mm
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
10 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
6 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
8
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 6 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
6 mm²
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
2.5 mm²
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
2.5 mm²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com