Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3070310 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3070310
Description  Test disconnect terminal block - USST 6-T/SB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3070310 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3070310 Datasheet HTML 1Page - PHOENIX CONTACT 3070310 Datasheet HTML 2Page - PHOENIX CONTACT 3070310 Datasheet HTML 3Page - PHOENIX CONTACT 3070310 Datasheet HTML 4Page - PHOENIX CONTACT 3070310 Datasheet HTML 5Page - PHOENIX CONTACT 3070310 Datasheet HTML 6Page - PHOENIX CONTACT 3070310 Datasheet HTML 7Page - PHOENIX CONTACT 3070310 Datasheet HTML 8Page - PHOENIX CONTACT 3070310 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
https://www.phoenixcontact.com/us/products/3070310
01.11.2013   Page 2 / 19
Test disconnect terminal block - USST 6-T/SB - 3070310
Technical data
General
Surge voltage test setpoint
7.3 kV
Result of surge voltage test
Test passed
Power frequency withstand voltage setpoint
1.89 kV
Result of power-frequency withstand voltage test
Test passed
Checking the mechanical stability of terminal points (5 x conductor
connection)
Test passed
Bending test rotation speed
10 rpm
Bending test turns
135
Bending test conductor cross section/weight
0.2 mm² / 0.2 kg
6 mm2 / 1.4 kg
10 mm² / 2 kg
2.5 mm² / 0.7 kg
Result of bending test
Test passed
Conductor cross section tensile test
0.2 mm²
Tractive force setpoint
10 N
Conductor cross section tensile test
6 mm²
Tractive force setpoint
80 N
Conductor cross section tensile test
10 mm²
Tractive force setpoint
90 N
Conductor cross section tensile test
2.5 mm²
Tractive force setpoint
50 N
Tensile test result
Test passed
Tight fit on carrier
NS 32/NS 35
Setpoint
5 N
Result of tight fit test
Test passed
Requirements, voltage drop
≤ 3.2 mV
Result of voltage drop test
Test passed
Temperature-rise test
Test passed
Conductor cross section short circuit testing
6 mm²
Short-time current
0.72 kA
Conductor cross section short circuit testing
10 mm²
Short-time current
1.2 kA
Short circuit stability result
Test passed
Proof of thermal characteristics (needle flame) effective duration
30 s
Result of thermal test
Test passed
Test specification, oscillation, broadband noise
DIN EN 50155 (VDE 0115-200):2008-03
Test spectrum
Service life test category 1, class B, body mounted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com