Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3070310 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3070310
Description  Test disconnect terminal block - USST 6-T/SB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3070310 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3070310 Datasheet HTML 1Page - PHOENIX CONTACT 3070310 Datasheet HTML 2Page - PHOENIX CONTACT 3070310 Datasheet HTML 3Page - PHOENIX CONTACT 3070310 Datasheet HTML 4Page - PHOENIX CONTACT 3070310 Datasheet HTML 5Page - PHOENIX CONTACT 3070310 Datasheet HTML 6Page - PHOENIX CONTACT 3070310 Datasheet HTML 7Page - PHOENIX CONTACT 3070310 Datasheet HTML 8Page - PHOENIX CONTACT 3070310 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
https://www.phoenixcontact.com/us/products/3070310
01.11.2013   Page 1 / 19
Test disconnect terminal block - USST 6-T/SB - 3070310
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Test disconnect terminal block, Connection method: Screw connection with spring support, Cross section: 0.2
mm² -10 mm² , AWG: 24 - 10, Width: 8.2 mm, Mounting type: NS 35/7,5, NS 35/15, NS 32, Color: gray
 
Key commercial data
Packing unit
1 1
Minimum order quantity
50 1
Custom tariff number
85369010
Country of origin
Poland
Technical data
General
Number of levels
1
Number of connections
2
Color
gray
Insulating material
PA
Inflammability class according to UL 94
V0
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-1
Nominal current IN
41 A
Nominal voltage UN
500 V
Open side panel
ja
Shock protection test specification
DIN EN 50274 (VDE 0660-514):2002-11
Back of the hand protection
guaranteed
Finger protection
guaranteed


Similar Part No. - 3070310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3070316 PHOENIX-3070316 Datasheet
55Kb / 2P
Female test connector, color: gray
3070317 PHOENIX-3070317 Datasheet
226Kb / 5P
PSBJ 6-T BN - Test plug strip
3070318 PHOENIX-3070318 Datasheet
228Kb / 5P
PSBJ 6-T BK - Test plug strip
3070319 PHOENIX-3070319 Datasheet
225Kb / 5P
PSBJ 6-T RD - Test plug strip
More results

Similar Description - 3070310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3001269 PHOENIX-3001269 Datasheet
131Kb / 7P
Disconnect terminal block - OTTA 6-T/SB-P/P
3026285 PHOENIX-3026285 Datasheet
118Kb / 8P
Test disconnect terminal block - UGSK 6
3029952 PHOENIX-3029952 Datasheet
66Kb / 5P
Test disconnect terminal block - SRTK 6
3029965 PHOENIX-3029965 Datasheet
68Kb / 6P
Test disconnect terminal block - SGSK 6
3035700 PHOENIX-3035700 Datasheet
219Kb / 13P
Test disconnect terminal block - STME 6
3070134 PHOENIX-3070134 Datasheet
195Kb / 22P
Test disconnect terminal block - UT 6-T-HV
3212170 PHOENIX-3212170 Datasheet
285Kb / 24P
Test disconnect terminal block - PTME 6
3070330 PHOENIX-3070330 Datasheet
342Kb / 32P
Disconnect terminal block - USST 6-T/SP
09/12/2020
3209530 PHOENIX-3209530 Datasheet
257Kb / 23P
Test disconnect terminal block - PTU 6-T-P
09/11/2020
3058114 PHOENIX-3058114 Datasheet
160Kb / 13P
Test disconnect terminal block - RBO 5-T
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com