Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3070310 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3070310
Description  Test disconnect terminal block - USST 6-T/SB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3070310 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3070310 Datasheet HTML 1Page - PHOENIX CONTACT 3070310 Datasheet HTML 2Page - PHOENIX CONTACT 3070310 Datasheet HTML 3Page - PHOENIX CONTACT 3070310 Datasheet HTML 4Page - PHOENIX CONTACT 3070310 Datasheet HTML 5Page - PHOENIX CONTACT 3070310 Datasheet HTML 6Page - PHOENIX CONTACT 3070310 Datasheet HTML 7Page - PHOENIX CONTACT 3070310 Datasheet HTML 8Page - PHOENIX CONTACT 3070310 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
https://www.phoenixcontact.com/us/products/3070310
01.11.2013   Page 4 / 19
Test disconnect terminal block - USST 6-T/SB - 3070310
Technical data
Connection data
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, max.
1.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
4 mm²
Connection method
Screw connection with spring support
Stripping length
12 mm
Internal cylindrical gage
A5
Screw thread
M4
Tightening torque, min
1.5 Nm
Tightening torque max
1.8 Nm
Classifications
eCl@ss
eCl@ss 4.0
27141126
eCl@ss 4.1
27141126
eCl@ss 5.0
27141126
eCl@ss 5.1
27141126
eCl@ss 6.0
27141126
eCl@ss 7.0
27141126
eCl@ss 8.0
27141126
ETIM
ETIM 2.0
EC000902
ETIM 3.0
EC000902
ETIM 4.0
EC000902
ETIM 5.0
EC000902
UNSPSC
UNSPSC 6.01
30211811
UNSPSC 7.0901
39121410
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com