Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB2000QL Datasheet(PDF) 18 Page - Texas Instruments

Part # DB2000QL
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DB2000QL Datasheet(HTML) 18 Page - Texas Instruments

Back Button DB2000QL Datasheet HTML 14Page - Texas Instruments DB2000QL Datasheet HTML 15Page - Texas Instruments DB2000QL Datasheet HTML 16Page - Texas Instruments DB2000QL Datasheet HTML 17Page - Texas Instruments DB2000QL Datasheet HTML 18Page - Texas Instruments DB2000QL Datasheet HTML 19Page - Texas Instruments DB2000QL Datasheet HTML 20Page - Texas Instruments DB2000QL Datasheet HTML 21Page - Texas Instruments DB2000QL Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
18
CDCDB2000
SNAS787 – NOVEMBER 2019
www.ti.com
Product Folder Links: CDCDB2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.6 Register Maps
7.6.1 CDCDB2000 Registers
Table 3 lists the CDCDB2000 registers. All register locations not listed in Table 3 should be considered as
reserved locations and the register contents should not be modified.
Table 3. CDCDB2000 Registers
Address
Acronym
Register Name
Section
0h
OECR1
Output Enable Control 1
Go
1h
OECR2
Output Enable Control 2
Go
2h
OECR3
Output Enable Control 3
Go
3h
OERDBK
Output Enable Read Back
Go
4h
SBRDBK
SBEN Read Back
Go
5h
VDRREVID
Vendor/Revision Identification
Go
6h
DEVID
Device Identification
Go
7h
BTRDCNT
Byte Read Count Control
Go
8h
SBIMSK1
Side-Band Interface Override Control 1
Go
9h
SBIMSK2
Side-Band Interface Override Control 2
Go
Ah
SBIMSK3
Side-Band Interface Override Control 3
Go
Complex bit access types are encoded to fit into small table cells. Table 4 shows the codes that are used for
access types in this section.
Table 4. CDCDB2000 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
7.6.1.1 OECR1 Register (Address = 0h) [reset = 78h]
OECR1 is shown in Table 5.
Return to the Summary Table.
The OECR1 register contains bits that enable or disable individual output clock channels [19:16]
Table 5. OECR1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
Reserved
6
Output Enable, CK19
R/W
1h
This bit controls the output enable signal for output channel
CK19_P/CK19_N.
0h = Output Disabled
1h = Output Enabled
5
Output Enable, CK18
R/W
1h
This bit controls the output enable signal for output channel
CK18_P/CK18_N.
0h = Output Disabled
1h = Output Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com