Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB2000QL Datasheet(PDF) 5 Page - Texas Instruments

Part # DB2000QL
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DB2000QL Datasheet(HTML) 5 Page - Texas Instruments

  DB2000QL Datasheet HTML 1Page - Texas Instruments DB2000QL Datasheet HTML 2Page - Texas Instruments DB2000QL Datasheet HTML 3Page - Texas Instruments DB2000QL Datasheet HTML 4Page - Texas Instruments DB2000QL Datasheet HTML 5Page - Texas Instruments DB2000QL Datasheet HTML 6Page - Texas Instruments DB2000QL Datasheet HTML 7Page - Texas Instruments DB2000QL Datasheet HTML 8Page - Texas Instruments DB2000QL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
CDCDB2000
www.ti.com
SNAS787 – NOVEMBER 2019
Product Folder Links: CDCDB2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O TYPE
DESCRIPTION
NAME
NO.
OE6#
CLK
L10
I, PD
Output enable for channel 6 and Side-Band Interface clock multi-function pin with
internal 120-kΩ pulldown. Typically connected to GPIO of microcontroller. If both
modes are unused, the pin can be left no connect.
When pin E2 = LOW, OE6# mode. Output Enable for channel 6, active low.
LOW: enable output channel 6.
HIGH: disable output channel 6.
When pin E2 = HIGH, CLK mode. Side-Band interface clock pin.
OE7#
K11
I, PD
Output Enable for channel 7 with internal 120-kΩ pulldown, active low. Typically
connected to GPIO of microcontroller. If unused, the pin can be left no connect.
LOW: enable output channel 7.
HIGH: disable output channel 7.
OE8#
H11
I, PD
Output Enable for channel 8, with internal 120-kΩ pulldown, active low. Typically
connected to GPIO of microcontroller. If unused, the pin can be left no connect.
LOW: enable output channel 8.
HIGH: disable output channel 8.
OE9#
E12
I, PD
Output Enable for channel 9, with internal 120-kΩ pulldown, active low. Typically
connected to GPIO of microcontroller. If unused, the pin can be left no connect.
LOW: enable output channel 9.
HIGH: disable output channel 9.
OE10#
SHFT_LD#
E11
I, PD
Output enable for channel 10 and Side-Band Interface load shift registers multi-
function pin with internal 120-kΩ pulldown. Typically connected to GPIO of
microcontroller. If both modes are unused, the pin can be left no connect.
When pin E2 = LOW, OE10# mode. Output Enable for channel 10, active low.
LOW: enable output channel 10.
HIGH: disable output channel 10.
When pin E2 = HIGH, SHFT_LD# mode. Side-Band Interface load shift registers
pin.
LOW: disable Side-Band Interface shift register.
HIGH: enable Side-Band Interface shift register.
A falling edge transfers the Side-Band shift register contents to the output register.
OE11#
C11
I, PD
Output Enable for channel 11 with internal 120-kΩ pulldown, active low. Typically
connected to GPIO of microcontroller. If unused, the pin can be left no connect.
LOW: enable output channel 11.
HIGH: disable output channel 11.
OE12#
B10
I, PD
Output Enable for channel 12 with internal 120-kΩ pulldown, active low. Typically
connected to GPIO of microcontroller. If unused, the pin can be left no connect.
LOW: enable output channel 12.
HIGH: disable output channel 12.
SBEN
E2
I, S, PD
Side-Band Interface enable input with internal 120-kΩ pulldown. Typically
connected to GPIO of microcontroller. If unused, the pin can be left no connect.
This pin disables the Output Enable (OE#) pins when asserted.
LOW: OE# pins and SMBus enable bits control outputs, Side-Band interface
disabled.
HIGH: Side-Band Interface controls outputs, OE# pins and SMBus enable bits are
disabled.
SMBUS AND SMBUS ADDRESS
SADR0
B4
I, S, PU /
PD
SMBus address strap bit[0]. This is a 3-level input that is decoded in conjunction
with pin B8 to set SMBus address. It has internal 120-kΩ pullup / pulldown network
biasing to VDD/2 when no connect.
For a high-level input configuration, the pin should be pulled up to 3.3-V VDD
through an external pullup resistor from 1k to 5k with 5% tolerance.
For a low-level input configuration input, the pin should be pulled down to ground
through an external pulldown resistor from 1k to 5k with 5% tolerance.
For a mid-level input configuration, the pin should be left floating and not
connected to VDD or ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com