Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB2000QL Datasheet(PDF) 14 Page - Texas Instruments

Part # DB2000QL
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DB2000QL Datasheet(HTML) 14 Page - Texas Instruments

Back Button DB2000QL Datasheet HTML 10Page - Texas Instruments DB2000QL Datasheet HTML 11Page - Texas Instruments DB2000QL Datasheet HTML 12Page - Texas Instruments DB2000QL Datasheet HTML 13Page - Texas Instruments DB2000QL Datasheet HTML 14Page - Texas Instruments DB2000QL Datasheet HTML 15Page - Texas Instruments DB2000QL Datasheet HTML 16Page - Texas Instruments DB2000QL Datasheet HTML 17Page - Texas Instruments DB2000QL Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
14
CDCDB2000
SNAS787 – NOVEMBER 2019
www.ti.com
Product Folder Links: CDCDB2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
7.3.2.1 SMBus Address Assignment
The SMBus address is assigned by configuration of two pins (SADR1 and SADR0) that each support three
levels. This configuration allows the CDCDB2000 to assume 9 different SMBus addresses.
The SMBus address pins are sampled PWRGD is set to 1. See Table 1 for address pin configuration. The
address cannot be changed until the PWRGD state is cleared by powering down the device.
Table 1. SMBus Address Assignment
SADR1
SADR0
SMBUS ADDRESS
L
L
0xD8
L
M
0xDA
L
H
0xDE
M
L
0xC2
M
M
0xC4
M
H
0xC6
H
L
0xCA
H
M
0xCC
H
H
0xCE
7.3.3 Side-Band Interface
The Side-Band Interface(SBI) is a basic 3-wire interface that consists of the DATA, CLK and SHFT_LD# pins.
The SBI is used to shift data into a 20-bit long shift register. When the SHFT_LD# pin is high, the rising edge of
CLK can shift DATA into the shift register. After shifting data, the falling edge of SHFT_LD# clocks the shift
register contents to the SBI output register.
While SBI is enabled by the SBEN pin, OE[7:9, 11, 12]# pins are disabled and DATA, CLK and SHFT_LD# are
enabled on the OE5#, OE6# and OE10# pins, respectively.
When power has been applied, and SBEN = 1, the SBI is active regardless of the CKPWRGD_PD# pin state.
This characteristic allows loading the shift register and transferring the contents to the SBI output register before
the first assertion of the CKPWRGD_PD# pin.
7.4 Device Functional Modes
7.4.1 CKPWRGD_PD# Function
The CKPWRGD_PD# pin is used to set 2 state variables inside of the device: PWRGD, and PD#. The PWRGD
and PD# variables control which functions of the device are active at any time, as well as the state of the input
and output pins.
The PWRGD and PD# states are multiplexed on the CKPWRGD_PD# pin. CKPWRGD_PD# must remain below
VOL and not exceed VDD_A + 0.3 V until VDD, VDD_A, and CLKIN are present and within the recommended
operating conditions.
The first rising edge of the CKPWRGD_PD# pin sets PWRGD = 1. After PWRGD is set to 1, the
CKPWRGD_PD# pin is used to assert PD# mode only. PWRGD variable will only be cleared to 0 with the
removal of VDD and VDD_A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com