Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB2000QL Datasheet(PDF) 9 Page - Texas Instruments

Part # DB2000QL
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DB2000QL Datasheet(HTML) 9 Page - Texas Instruments

Back Button DB2000QL Datasheet HTML 5Page - Texas Instruments DB2000QL Datasheet HTML 6Page - Texas Instruments DB2000QL Datasheet HTML 7Page - Texas Instruments DB2000QL Datasheet HTML 8Page - Texas Instruments DB2000QL Datasheet HTML 9Page - Texas Instruments DB2000QL Datasheet HTML 10Page - Texas Instruments DB2000QL Datasheet HTML 11Page - Texas Instruments DB2000QL Datasheet HTML 12Page - Texas Instruments DB2000QL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
CDCDB2000
www.ti.com
SNAS787 – NOVEMBER 2019
Product Folder Links: CDCDB2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
VDD, VDD_A = 3.3 V ± 5 %, -40 °C < TA < 85 °C. Typical values are at VDD = VDD_A = 3.3 V, 25 °C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(6)
Measured from rising edge of any CKx output to any other CKx output.
tSKEW
Skew between outputs
(6)50
ps
JCKx_PCIE
Additive jitter
DB2000QL filter
0.08
ps, rms
Additive jitter for PCIe5
PCIe5.0 filter
0.03
ps, rms
Additive jitter for PCIe4
PLL BW = 2 - 5 MHz; CDR =
10 MHz
Input clock
slew rate
≥ 1.8 V/ns
0.08
ps, rms
Additive jitter for PCIe3
Input clock
slew rate
≥ 0.6 V/ns
0.15
ps, rms
JCKx_PCIE
Additive jitter for PCIe2
PCIe2 filter
0.2
ps, rms
JCKx_PCIE
Additive jitter for PCIe1
PCIe1 filter
5
ps, rms
JCKx
Additive jitter
fIN = 100 MHz; slew rate ≥ 3 V/ns; 12 kHz
to 20 MHz integration bandwidth.
155
fs, rms
SMBUS INTERFACE, SIDE-BAND INTERFACE, OEx#, CKPWRGD_PD#, SBEN
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
IIL
Input leakage current
With internal pull up/pull-down
GND < VIN
< VDD
–30
30
uA
Without internal pull up/pull-
down
–5
5
CIN
Input capacitance
4.5
pF
COUT
Output capacitance
4.5
pF
3-LEVEL DIGITAL INTERFACE (SA_0, SA_1)
VIHT
High-level input voltage
2.4
V
VIMT
Mid level input voltage
1.3
VDD/2
1.8
VILT
Low-level input voltage
0.9
IINT
Input high current
VIN = VDD, VIN = GND
-10
10
uA
ILeak
Input leakage current
With internal pull up/pull-down
GND < VIN
< VDD
–30
30
6.6 Timing Requirements
VDD, VDD_A = 3.3 V ± 5 %, -40 °C < TA < 85 °C. Typical values are at VDD = VDD_A = 3.3 V, 25 °C (unless otherwise
noted)
MIN
NOM
MAX
UNIT
SMBUS-COMPATIBLE INTERFACE TIMING
fSMB
SMBus operating frequency
10
100
kHz
tBUF
Bus free time between STOP and
START
4.7
µs
tHD_STA
START condition hold time
4
tSU_STA
START condition setup time
4.7
tSU_STO
STOP condition setup time
4
tHD_DAT
SMBDAT hold time
300
ns
tSU_DAT
SMBDAT setup time
250
tTIMEOUT
Detect SMBCLK low timeout
25
35
ms
tLOW
SMBCLK low period
4.7
µs
tHIGH
SMBCLK high period
4
50
tLOW_SL
Cumulative clock low extend time
25
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com