Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMV42ENE Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PMV42ENE
Description  30 V, N-channel Trench MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMV42ENE Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PMV42ENE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PMV42ENE
30 V, N-channel Trench MOSFET
PMV42ENE
All information provided in this document is subject to legal disclaimers.
Product data sheet
16 March 2016
5 / 17
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
218
250
K/W
in free air
[2]
-
105
120
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air; t ≤ 5 s
[2]
-
72
83
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
-
20
25
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 6 cm2.
aaa-022065
tp (s)
10-3
102
103
10
1
10-2
10-1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, standard footprint
Fig. 4. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com