Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMV42ENE Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PMV42ENE
Description  30 V, N-channel Trench MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMV42ENE Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PMV42ENE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PMV42ENE
30 V, N-channel Trench MOSFET
16 March 2016
Product data sheet
1. General description
N-channel enhancement mode Field-Effect Transistor (FET) in a small SOT23
(TO-236AB) Surface-Mounted Device (SMD) plastic package using Trench MOSFET
technology.
2. Features and benefits
• Logic level compatible
• Low on-state resistance
• Trench MOSFET technology
• ElectroStatic Discharge (ESD) protection > 1 kV HBM
• Enhanced power dissipation capability of 1 W
3. Applications
• Relay driver
• High-speed line driver
• Low-side loadswitch
• Switching circuits
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
-
-
30
V
VGS
gate-source voltage
Tj = 25 °C
-20
-
20
V
ID
drain current
VGS = 10 V; Tamb = 25 °C; t ≤ 5 s
[1]
-
-
5.1
A
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 4.4 A; Tj = 25 °C
-
29
36
mΩ
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 6 cm2.


Similar Part No. - PMV42ENE

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PMV4248GY HAMMOND-PMV4248GY Datasheet
64Kb / 2P
Trousse de montage sur poteau
PMV4248GY HAMMOND-PMV4248GY Datasheet
18Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - PMV42ENE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMPB11EN PHILIPS-PMPB11EN_15 Datasheet
273Kb / 15P
30 V N-channel Trench MOSFET
14 January 2014
PMZ390UNE PHILIPS-PMZ390UNE_15 Datasheet
221Kb / 14P
30 V, N-channel Trench MOSFET
12 March 2015
PMZ550UNE PHILIPS-PMZ550UNE_15 Datasheet
224Kb / 15P
30 V, N-channel Trench MOSFET
25 March 2015
PMZB550UNE PHILIPS-PMZB550UNE_15 Datasheet
224Kb / 15P
30 V, N-channel Trench MOSFET
25 March 2015
logo
Nexperia B.V. All right...
PMV20XNE NEXPERIA-PMV20XNE Datasheet
720Kb / 15P
30 V, N-channel Trench MOSFET
PMV25ENEA NEXPERIA-PMV25ENEA Datasheet
377Kb / 16P
30 V, N-channel Trench MOSFET
PMZ550UNE NEXPERIA-PMZ550UNE Datasheet
713Kb / 15P
30 V, N-channel Trench MOSFET
BUK4D60-30 NEXPERIA-BUK4D60-30 Datasheet
301Kb / 15P
30 V, N-channel Trench MOSFET
7 July 2020
BUK6D38-30E NEXPERIA-BUK6D38-30E Datasheet
284Kb / 15P
30 V, N-channel Trench MOSFET
12 April 2019
BUK6D72-30E NEXPERIA-BUK6D72-30E Datasheet
285Kb / 15P
30 V, N-channel Trench MOSFET
29 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com