Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMV42ENE Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PMV42ENE
Description  30 V, N-channel Trench MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMV42ENE Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PMV42ENE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PMV42ENE
30 V, N-channel Trench MOSFET
PMV42ENE
All information provided in this document is subject to legal disclaimers.
Product data sheet
16 March 2016
7 / 17
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID = 250 µA; VGS = 0 V; Tj = 25 °C
30
-
-
V
VGSth
gate-source threshold
voltage
ID = 250 µA; VDS=VGS; Tj = 25 °C
1
1.4
2
V
IDSS
drain leakage current
VDS = 30 V; VGS = 0 V; Tj = 25 °C
-
-
1
µA
VGS = 16 V; VDS = 0 V; Tj = 25 °C
-
-
10
µA
VGS = -16 V; VDS = 0 V; Tj = 25 °C
-
-
-10
µA
VGS = 4.5 V; VDS = 0 V; Tj = 25 °C
-
-
100
nA
IGSS
gate leakage current
VGS = -4.5 V; VDS = 0 V; Tj = 25 °C
-
-
-100
nA
VGS = 10 V; ID = 4.4 A; Tj = 25 °C
-
29
36
mΩ
VGS = 10 V; ID = 4.4 A; Tj = 150 °C
-
46
57
mΩ
RDSon
drain-source on-state
resistance
VGS = 4.5 V; ID = 3.5 A; Tj = 25 °C
-
42
54
mΩ
gfs
forward
transconductance
VDS = 10 V; ID = 4.4 A; Tj = 25 °C
-
7
-
S
RG
gate resistance
f = 1 MHz; Tj = 25 °C
-
1.5
-
Ω
Dynamic characteristics
QG(tot)
total gate charge
-
5.5
9
nC
QGS
gate-source charge
-
0.8
-
nC
QGD
gate-drain charge
VDS = 15 V; ID = 4.4 A; VGS = 10 V;
Tj = 25 °C
-
1.1
-
nC
Ciss
input capacitance
-
281
-
pF
Coss
output capacitance
-
42
-
pF
Crss
reverse transfer
capacitance
VDS = 15 V; f = 1 MHz; VGS = 0 V;
Tj = 25 °C
-
32
-
pF
td(on)
turn-on delay time
-
5
-
ns
tr
rise time
-
18
-
ns
td(off)
turn-off delay time
-
9
-
ns
tf
fall time
VDS = 15 V; ID = 4.4 A; VGS = 10 V;
RG(ext) = 6 Ω; Tj = 25 °C
-
3
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 1 A; VGS = 0 V; Tj = 25 °C
-
0.8
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com