Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMV42ENE Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PMV42ENE
Description  30 V, N-channel Trench MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMV42ENE Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PMV42ENE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 11Page - Nexperia B.V. All rights reserved PMV42ENE Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PMV42ENE
30 V, N-channel Trench MOSFET
PMV42ENE
All information provided in this document is subject to legal disclaimers.
Product data sheet
16 March 2016
8 / 17
VDS (V)
0
5
4
2
3
1
aaa-020810
10
5
15
20
ID
(A)
0
VGS = 4.5 V
4 V
3.5 V
3 V
2.5 V
Tj = 25 °C
Fig. 6. Output characteristics: drain current as a
function of drain-source voltage; typical values
aaa-021517
10-4
10-5
10-3
ID
(A)
10-6
VGS (V)
0
2.5
2.0
1.0
1.5
0.5
min
typ
max
Tj = 25 °C; VDS = 5 V
Fig. 7. Sub-threshold drain current as a function of
gate-source voltage
ID (A)
0
20
15
5
10
aaa-020812
0.2
0.1
0.3
0.4
RDSon
(Ω)
0.0
VGS = 4 V
3 V
2.5 V
2.8 V
3.3 V
3.5 V
4.5 V
10 V
Tj = 25 °C
Fig. 8. Drain-source on-state resistance as a function
of drain current; typical values
VGS (V)
0
10
8
4
6
2
aaa-020813
0.2
0.4
0.6
RDSon
(Ω)
0.0
Tj = 150 °C
Tj = 25 °C
ID = 4.5 A
Fig. 9. Drain-source on-state resistance as a function
of gate-source voltage; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com