Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC161PI Datasheet(PDF) 93 Page - Infineon Technologies AG

Part # SAFC161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161PI Datasheet(HTML) 93 Page - Infineon Technologies AG

Back Button SAFC161PI Datasheet HTML 89Page - Infineon Technologies AG SAFC161PI Datasheet HTML 90Page - Infineon Technologies AG SAFC161PI Datasheet HTML 91Page - Infineon Technologies AG SAFC161PI Datasheet HTML 92Page - Infineon Technologies AG SAFC161PI Datasheet HTML 93Page - Infineon Technologies AG SAFC161PI Datasheet HTML 94Page - Infineon Technologies AG SAFC161PI Datasheet HTML 95Page - Infineon Technologies AG SAFC161PI Datasheet HTML 96Page - Infineon Technologies AG SAFC161PI Datasheet HTML 97Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 400 page
background image
&3,
,QWHUUXSW DQG 7UDS )XQFWLRQV
User’s Manual
5-11
1999-08
5.2
Operation of the PEC Channels
The C161PI’s Peripheral Event Controller (PEC) provides 8 PEC service channels,
which move a single byte or word between two locations in segment 0 (data pages 3...0).
This is the fastest possible interrupt response and in many cases is sufficient to service
the respective peripheral request (e.g. serial channels, etc.). Each channel is controlled
by a dedicated PEC Channel Counter/Control register (PECCx) and a pair of pointers for
source (SRCPx) and destination (DSTPx) of the data transfer.
The PECC registers control the action that is performed by the respective PEC channel.
PECCx
PEC Ch.x Ctrl. Reg.
SFR (FECy
H/6zH, see table)
Reset value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
-
-
-
-
INC
BWT
COUNT
-
---
-
rw
rw
rw
Bit
Function
COUNT
PEC Transfer Count
Counts PEC transfers and influences the channel’s action (see table below)
BWT
Byte / Word Transfer Selection
0:
Transfer a Word
1:
Transfer a Byte
INC
Increment Control (Modification of SRCPx or DSTPx)
0 0:
Pointers are not modified
0 1:
Increment DSTPx by 1 or 2 (BWT)
1 0:
Increment SRCPx by 1 or 2 (BWT)
1 1:
Reserved. Do not use this combination.
(changed to ’10’ by hardware)
Table 5-4
PEC Control Register Addresses
Register
Address
Reg. Space
Register
Address
Reg. Space
PECC0
FEC0
H / 60H
SFR
PECC4
FEC8
H / 64H
SFR
PECC1
FEC2
H / 61H
SFR
PECC5
FECA
H / 65H
SFR
PECC2
FEC4
H / 62H
SFR
PECC6
FECC
H / 66H
SFR
PECC3
FEC6
H / 63H
SFR
PECC7
FECE
H / 67H
SFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com