Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC161PI Datasheet(PDF) 102 Page - Infineon Technologies AG

Part # SAFC161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161PI Datasheet(HTML) 102 Page - Infineon Technologies AG

Back Button SAFC161PI Datasheet HTML 98Page - Infineon Technologies AG SAFC161PI Datasheet HTML 99Page - Infineon Technologies AG SAFC161PI Datasheet HTML 100Page - Infineon Technologies AG SAFC161PI Datasheet HTML 101Page - Infineon Technologies AG SAFC161PI Datasheet HTML 102Page - Infineon Technologies AG SAFC161PI Datasheet HTML 103Page - Infineon Technologies AG SAFC161PI Datasheet HTML 104Page - Infineon Technologies AG SAFC161PI Datasheet HTML 105Page - Infineon Technologies AG SAFC161PI Datasheet HTML 106Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 400 page
background image
&3,
,QWHUUXSW DQG 7UDS )XQFWLRQV
User’s Manual
5-20
1999-08
A few examples illustrate these delays:
• The worst case interrupt response time including external accesses will occur, when
instructions N, N+1 and N+2 are executed out of external memory, instructions N-1
and N require external operand read accesses, instructions N-3 through N write back
external operands, and the interrupt vector also points to an external location. In this
case the interrupt response time is the time to perform 9 word bus accesses, because
instruction I1 cannot be fetched via the external bus until all write, fetch and read
requests of preceding instructions in the pipeline are terminated.
• When the above example has the interrupt vector pointing into the internal code
memory, the interrupt response time is 7 word bus accesses plus 2 states, because
fetching of instruction I1 from internal code memory can start earlier.
• When instructions N, N+1 and N+2 are executed out of external memory and the
interrupt vector also points to an external location, but all operands for instructions N-
3 through N are in internal memory, then the interrupt response time is the time to
perform 3 word bus accesses.
• When the above example has the interrupt vector pointing into the internal code
memory, the interrupt response time is 1 word bus access plus 4 states.
After an interrupt service routine has been terminated by executing the RETI instruction,
and if further interrupts are pending, the next interrupt service routine will not be entered
until at least two instruction cycles have been executed of the program
that was
interrupted. In most cases two instructions will be executed during this time. Only one
instruction will typically be executed, if the first instruction following the RETI instruction
is a branch instruction (without cache hit), or if it reads an operand from internal code
memory, or if it is executed out of the internal RAM.
Note: A bus access in this context includes all delays which can occur during an external
bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com