Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8771 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8771
Description  24-bit, 192kHz 8-Channel Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8771 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8771 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Product Preview
WM8771
w
PP Rev 2.0 December 2001
37
7
ADCMUTE
0
Mute for Left and Right channel ADC:
0: Mute off
1: Mute on
4:0
RAG[4:0]
01100
(0dB)
Attenuation data for right channel ADC gain in 1dB steps
5
MUTE
0
Mute for Right channel ADC:
0: Mute off
1: Mute on
11010
Attenuation
ADCR
6
LRBOTH
0
Setting LRBOTH will write the same gain value to RAG[4:0 and
LAG[4:0]
2:0
LMX[2:0]
000
ADC left channel input mux control bits (see Table 12)
6:4
RMX[2:0]
000
ADC right channel input mux control bits (see Table 12)
11011
ADC mux and
powerdown
control
8
AINPD
1
Input mux and buffer powerdown
0: Input mux and buffer enabled
1: Input mux and buffer powered down
11100
Output
powerdown
control
8:7
OUTPD[1:0]
11
DAC Output Powerdown select
0: output buffer enabled
1: output buffer powered down
11101
Output
powerdown
control
8:7
OUTPD[3:2]
11
DAC Output Powerdown select
0: output buffer enabled
1: output buffer powered down
11111
Software
reset
[8:0]
RESET
Not reset
Writing to this register will apply a reset to the device registers.
Table 13 Register Map Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com