Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8771 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8771
Description  24-bit, 192kHz 8-Channel Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8771 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8771 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
WM8771
Product Preview
w
PP Rev 2.0 December 2001
16
POWERDOWN MODES
The WM8771 has powerdown control bits allowing specific parts of the WM8771 to be powered off
when not being used. The 8-channel input source selector and input buffer may be powered down
using control bit AINPD. When AINPD is set all inputs to the source selector (AIN1l/R to AIN8L/R)
are switched to a buffered VMIDADC. Control bit ADCPD powers off the ADC and also the ADC input
PGAs. The four stereo DACs each have a separate powerdown control bit, DACPD[3:0] allowing
individual stereo DACs to be powered off when not in use. The analogue output buffer may also be
powered down by setting OUTPD[3:0]. OUTPD[3:0] also switches the analogue outputs VOUTL/R to
VMIDDAC to maintain a dc level on the output.
Setting AINPD, ADCPD, DACPD[3:0] and
OUTPD[3:0] will powerdown everything except the references VMIDADC, ADCREF and VMIDDAC.
These may be powered down by setting PDWN. Setting PDWN will override all other powerdown
control bits. It is recommended that the 8-channel input mux and buffer, ADC, DAC and output
buffers are powered down before setting PDWN. The default is for all powerdown bits to be set
except PDWN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com