Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8771 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8771
Description  24-bit, 192kHz 8-Channel Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8771 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8771 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Product Preview
WM8771
w
PP Rev 2.0 December 2001
33
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description.
These can be controlled using the Control Interface. All unused bits should be set to ‘0’.
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
R9(09h)
0
0
0
1
0
0
1
UPDATE
LDA1[7:0]
X11111111
R10(0Ah)
0
0
0
1
0
1
0
UPDATE
RDA1[7:0]
X11111111
R11(0Bh)
0
0
0
1
0
1
1
UPDATE
LDA2[7:0]
X11111111
R12(0Ch)
0
0
0
1
1
0
0
UPDATE
RDA2[7:0]
X11111111
R13(0Dh)
0
0
0
1
1
0
1
UPDATE
LDA3[7:0]
X11111111
R14(0Eh)
0
0
0
1
1
1
0
UPDATE
RDA3[7:0]
X11111111
R15(0Fh)
0
0
0
1
1
1
1
UPDATE
LDA4[7:0]
X11111111
R16(10h)
0
0
1
0
0
0
0
UPDATE
RDA4[7:0]
X11111111
R17(11h)
0
0
1
0
0
0
1
UPDATE
MASTDA[7:0]
X11111111
R18(12h)
0
0
1
0
0
1
0
0
PHASE[8:0]
000000000
R19(13h)
0
0
1
0
0
1
1
0
PL[3:0]
0
IZD
ATC
DZCEN
010010000
R20(14h)
0
0
1
0
1
0
0
0
RECMUTE[2:0]
MUTEALL
DMUTE[3:0]
000000000
R21(15h)
0
0
1
0
1
0
1
0
DZFM[3:0]
DEEMP[3:0]
000000000
R22(16h)
0
0
1
0
1
1
0
ADCHPD
0
0
WL[1:0]
BCP
LRP
FMT[1:0]
000100010
R23(17h)
0
0
1
0
1
1
1
MS
0
DACRATE[2:0]
ADCOSR
ADCRATE[2:0]
000010010
R24(18h)
0
0
1
1
0
0
0
0
0
0
DACD[3:0]
ADCD
PWDN
000111110
R25(19h)
0
0
1
1
0
0
1
0
0
LRBOTH
MUTE
LAG
000001100
R26(1Ah)
0
0
1
1
0
1
0
0
0
LRBOTH
MUTE
RAG
000001100
R27(1Bh)
0
0
1
1
0
1
1
AINPD
0
RMX
0
LMX
100000000
R28(1Ch)
0
0
1
1
1
0
0
OUTPD[1:0]
0
0
0
0
0
0
0
110000000
R29i1Dh)
0
0
1
1
1
0
1
OUTPD[3:2]
0
0
0
0
0
0
0
110000000
R31(1Fh)
0
0
1
1
1
1
1
RESET
Not reset
ADDRESS
DATA
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com