Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8771 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8771
Description  24-bit, 192kHz 8-Channel Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8771 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8771 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8771 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
WM8771
Product Preview
w
PP Rev 2.0 December 2001
26
Figure 21 shows the application and release of MUTE whilst a full amplitude sinusoid is being played
at 48kHz sampling rate. When MUTE (lower trace) is asserted, the output (upper trace) begins to
decay exponentially from the DC level of the last input sample. The output will decay towards VMID
with a time constant of approximately 64 input samples. If MUTE is applied to all channels for 1024
or more input samples the outputs will be connected directly to Vmid, if IZD is set. When MUTE is
de-asserted, the output will restart immediately from the current input sample.
Note that all other means of muting the DAC channels: setting the PL[3:0] bits to 0, setting the
PDWN bit or setting attenuation to 0 will cause much more abrupt muting of the output.
Each ADC channel also has an individual mute control bit, which mutes the input to the ADC. In
addition both channels may be muted by setting ADCMUTE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11001
ADC Mute
7
ADCMUTE
0
ADC MUTE Left and Right
0 : Normal Operation
1: mute ADC left and ADC right
11001
ADC Mute Left
5
MUTE
0
ADC Mute select
0 : Normal Operation
1: mute ADC left
11010
ADC Mute Right
5
MUTE
0
ADC Mute select
0 : Normal Operation
1: mute ADC right
The Record outputs may be enabled by setting RECEN[2:0], where RECEN[0] mutes the REC1L and
REC1R outputs, RECEN[1] mutes the REC2L and REC2R outputs and RECEN[2] mutes the REC3L
and REC3R outputs.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10100
REC Enable
[7:5]
RECMUTE[2:0]
000
REC Output Enable
0 : REC output disabled
1: REC output enabled
DE-EMPHASIS MODE
A digital De-emphasis filter may be applied to each DAC channel. The De-emphasis filter for each
stereo channel is enabled under the control of DEEMP[3:0]. DEEMP[0] enables the de-emphasis
filter for channel 1, DEEMP[1] enables the de-emphasis filter for channel 2, DEEMP[2] enables the
de-emphasis filter for channel 3 and DEEMP[3] enables the de-emphasis filter for channel 4.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10101
DAC De-emphasis
Control
[3:0]
DEEMPH[3:0]
0000
De-emphasis mode select:
0 : Normal Mode
1: De-emphasis Mode
Refer to Figure 29, Figure 30, Figure 31, Figure 32, Figure 33 and Figure 34 for details of the De-
Emphasis modes at different sample rates.
POWERDOWN MODE AND ADC/DAC DISABLE
Setting the PDWN register bit immediately powers down the WM8771. All trace of the previous input
samples are removed, but all control register settings are preserved. When PDWN is cleared the
digital filters will be reinitialised. . It is recommended that the 8-channel input mux and buffer, ADC,
DAC and output buffers are powered down before setting PDWN.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com