Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS71024 Datasheet(PDF) 3 Page - GSI Technology

Part # GS71024
Description  64K x 24 1.5Mb Asynchronous SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71024 Datasheet(HTML) 3 Page - GSI Technology

  GS71024 Datasheet HTML 1Page - GSI Technology GS71024 Datasheet HTML 2Page - GSI Technology GS71024 Datasheet HTML 3Page - GSI Technology GS71024 Datasheet HTML 4Page - GSI Technology GS71024 Datasheet HTML 5Page - GSI Technology GS71024 Datasheet HTML 6Page - GSI Technology GS71024 Datasheet HTML 7Page - GSI Technology GS71024 Datasheet HTML 8Page - GSI Technology GS71024 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
GS71024T/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 11/2004
3/13
© 1999, GSI Technology
X: “H” or “L”
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation shall be restricted to Recommended
Operating Conditions. Exposure to higher than recommended voltages for extended periods of time could affect device reliability.
Truth Table
CE1
CE2
OE
WE
V/S
Mode
DQ0 to DQ23
VDD Current
H
XXXX
Not selected
High Z
ISB1, ISB2
X
L
X
X
X
Not selected
High Z
L
H
L
H
H
Read using X/Y
Data Out
IDD
L
H
L
H
L
Read using A15
Data Out
L
H
X
L
H
Write using X/Y
Data In
L
H
X
L
L
Write using A15
Data In
L
H
H
H
X
Output disable
High Z
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
–0.5 to +4.6
V
Input Voltage
VIN
–0.5 to VDD + 0.5
(
≤ 4.6 V max.)
V
Output Voltage
VOUT
–0.5 to VDD + 0.5
(
≤ 4.6 V max.)
V
Allowable TQFP power dissipation
PD
1
W
Allowable FPBGA power dissipation
PD
1
W
Storage temperature
TSTG
–55 to 150
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com