Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS71024 Datasheet(PDF) 6 Page - GSI Technology

Part # GS71024
Description  64K x 24 1.5Mb Asynchronous SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71024 Datasheet(HTML) 6 Page - GSI Technology

Back Button GS71024 Datasheet HTML 2Page - GSI Technology GS71024 Datasheet HTML 3Page - GSI Technology GS71024 Datasheet HTML 4Page - GSI Technology GS71024 Datasheet HTML 5Page - GSI Technology GS71024 Datasheet HTML 6Page - GSI Technology GS71024 Datasheet HTML 7Page - GSI Technology GS71024 Datasheet HTML 8Page - GSI Technology GS71024 Datasheet HTML 9Page - GSI Technology GS71024 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
GS71024T/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 11/2004
6/13
© 1999, GSI Technology
AC Characteristics
* These parameters are sampled and are not 100% tested
Read Cycle 1: CE = OE = VIL, WE = VIH
Read Cycle
Parameter
Symbol
-8
-9
-10
-12
-15
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
8—9—
10
—
12
—
15
—
ns
Address access time
tAA
—8—9—
10
—
12
—
15
ns
Chip enable access time (CE1, CE2)
tAC
—8—9—
10
—
12
—
15
ns
MUX control to output valid (V/S)
tAV
—8—9—
10
—
12
—
15
ns
Output enable to output valid (OE)
tOE
—4—
4.5
—5—6—7
ns
Output hold from address change
tOH
3—3—3—3—3—
ns
Output hold from MUX controls change
tOH1
3—3—3—3—3—
ns
Chip enable to output in low Z (CE1, CE2)
tLZ*
3—3—3—3—3—
ns
Output enable to output in low Z (OE)
tOLZ*
0—0—0—0—0—
ns
Chip disable to output in High Z (CE1, CE2)
tHZ*
—4—
4.5
—5—6—7
ns
Output disable to output in High Z (OE)
tOHZ*
—4—
4.5
—5—6—7
ns
tAA
tOH
tRC
Address
Data Out
Previous Data
Data valid
tOH1
tAV
V/S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com