Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS71024 Datasheet(PDF) 8 Page - GSI Technology

Part # GS71024
Description  64K x 24 1.5Mb Asynchronous SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71024 Datasheet(HTML) 8 Page - GSI Technology

Back Button GS71024 Datasheet HTML 4Page - GSI Technology GS71024 Datasheet HTML 5Page - GSI Technology GS71024 Datasheet HTML 6Page - GSI Technology GS71024 Datasheet HTML 7Page - GSI Technology GS71024 Datasheet HTML 8Page - GSI Technology GS71024 Datasheet HTML 9Page - GSI Technology GS71024 Datasheet HTML 10Page - GSI Technology GS71024 Datasheet HTML 11Page - GSI Technology GS71024 Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
GS71024T/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 11/2004
8/13
© 1999, GSI Technology
* These parameters are sampled and are not 100% tested
Write Cycle
Parameter
Symbol
-8
-9
-10
-12
-15
Unit
MinMax
MinMax
MinMax
MinMax
MinMax
Write cycle time
tWC
8—
9—
10
—
12
—
15
—
ns
Address valid to end of write
tAW
5.5
—
6.25
—
7
—
8
—
10
—
ns
Chip enable to end of write (CE1, CE2)
tCW
5.5
—
6.25
—
7
—
8
—
10
—
ns
MUX control to end of write (V/S)
tVW
5.5
—
6.25
—
7
—
8
—
10
—
ns
Data set up time
tDW
4—
4.5
—
5—6
—
7
—
ns
Data hold time
tDH
0—
0—
0—0
—
0
—
ns
Write pulse width
tWP
5.5
—
6.25
—
7
—
8
—
10
—
ns
Address set up time
tAS
0—
0—
0—0
—
0
—
ns
MUX control set up time
tVS
0—
0—
0—0
—
0
—
ns
Write recovery time (WE)
tWR
0—
0—
0—0
—
0
—
ns
Write recovery time (V/S, CE1, CE2 )
tWR1
0—
0—
0—0
—
0
—
ns
Output Low Z from end of write
tWLZ*
2—
2.5
—
3—3
—
3
—
ns
Write to output in High Z
tWHZ*
—4
—
4.5
—5
—
6
—
7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com