Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS71024 Datasheet(PDF) 4 Page - GSI Technology

Part # GS71024
Description  64K x 24 1.5Mb Asynchronous SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71024 Datasheet(HTML) 4 Page - GSI Technology

  GS71024 Datasheet HTML 1Page - GSI Technology GS71024 Datasheet HTML 2Page - GSI Technology GS71024 Datasheet HTML 3Page - GSI Technology GS71024 Datasheet HTML 4Page - GSI Technology GS71024 Datasheet HTML 5Page - GSI Technology GS71024 Datasheet HTML 6Page - GSI Technology GS71024 Datasheet HTML 7Page - GSI Technology GS71024 Datasheet HTML 8Page - GSI Technology GS71024 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GS71024T/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 11/2004
4/13
© 1999, GSI Technology
Notes:
1. Input overshoot voltage should be less than VDD + 2 V and not exceed 20 ns.
2. Input undershoot voltage should be greater than –2 V and not exceed 20 ns.
Notes:
1. Tested at TA = 25°C, f = 1 MHz
2. These parameters are sampled and are not 100% tested
Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Supply Voltage for -10/12/15
VDD
3.0
3.3
3.6
V
Supply Voltage for -8
VDD
3.135
3.3
3.6
V
Input High Voltage
VIH
2.0
—
VDD + 0.3
V
Input Low Voltage
VIL
–0.3
—
0.8
V
Ambient Temperature,
Commercial Range
TAc
0—
70
oC
Ambient Temperature,
Industrial Range
TAi
–40
—
85
oC
Capacitance
Parameter
Symbol
Test Condition
Maximum
Unit
Input Capacitance
CIN
VIN = 0 V
5pF
I/O Capacitance
COUT
VOUT = 0 V
7pF
DC I/O Pin Characteristics
Parameter
Symbol
Test Conditions
Minimum
Maximum
Input Leakage Current
IIL
VIN = 0 to VDD
–1uA
1uA
Output Leakage Current
IOL
Output High Z, VOUT = 0
to VDD
–1uA
1uA
Output High Voltage
VOH
IOH = –4mA
2.4
—
Output Low Voltage
VOL
IOL = +4mA
—0.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com