Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9601E Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
40
Final
Version: DM9601-DS-F01
June 22, 2002
12.2 100Base-TX Receiver
The 100Base-TX receiver contains several function
blocks that convert the scrambled 125Mb/s serial data
to synchronous 4-bit nibble data that is then provided
to the MII.
The receive section contains the following functional
blocks:
- Signal Detect
- Digital Adaptive Equalization
- MLT-3 to Binary Decoder
- Clock Recovery Module
- NRZI to NRZ Decoder
- Serial to Parallel
- Descrambler
- Code Group Alignment
- 4B5B Decoder
12.2.1 Signal Detect
The signal detect function meets the specifications
mandated by the ANSI XT12 TP-PMD 100Base-TX
Standards for both voltage thresholds and timing
parameters.
12.2.2 Adaptive Equalization
When transmitting data at high speed over copper
twisted pair cable, attenuation based on frequency
becomes a concern. In high speed twisted pair
signaling, the frequency content of the transmitted
signal can vary greatly during normal operation based
on the randomness of the scrambled data stream.
This variation in signal attenuation caused by
frequency variations must be compensated for to
ensure the integrity of the received data. In order to
ensure quality transmission when employing MLT-3
encoding, the compensation must be able to adapt
various cable lengths and cable types, depend on the
installed environment. The selection of long cable
lengths for a given implementation, requires
significant compensation which will be over-killed in a
situation that includes shorter, less attenuating cable
lengths. Conversely, the selection of short or
intermediate cable lengths requiring less
compensation will cause serious under-compensation
for longer length cables. Therefore, the compensation
or equalization must be adaptive to ensure proper
conditioning of the received signal independent of the
cable length.
12.2.3 MLT-3 to NRZI Decoder
The DM9601 decodes the MLT-3 information from the
Digital Adaptive Equalizer into NRZI data. The
relationship between NRZI and MLT-3 data is shown
in figure 4.
12.2.4 Clock Recovery Module
The Clock Recovery Module accepts NRZI data from
the MLT-3 to NRZI decoder. The Clock Recovery
Module locks onto the data stream and extracts the
125Mhz reference clock. The extracted and
synchronized clock and data are presented to the
NRZI to NRZ Decoder.
12.2.5 NRZI to NRZ
The transmit data stream is required to be NRZI
encoded in for compatibility with the TP-PMD
standard for 100Base-TX transmission over
Category-5 unshielded twisted pair cable. This
conversion process must be reversed on the receive
end. The NRZI to NRZ decoder, receives the NRZI
data stream from the Clock Recovery Module and
converts it to a NRZ data stream to be presented to
the Serial to Parallel conversion block.
12.2.6 Serial to Parallel
The Serial to Parallel Converter receives a serial data
stream from the NRZI to NRZ converter, and converts
the data stream to parallel data to be presented to the
descrambler.
12.2.7 Descrambler
Because of the scrambling process required to control
the radiated emissions of transmit data streams, the
receiver must descramble the receive data streams.
The descrambler receives scrambled parallel data
streams from the Serial to Parallel converter,
descrambles the data streams, and presents the data
streams to the Code Group alignment block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com