Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9601E Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
6
Final
Version: DM9601-DS-F01
June 22, 2002
5. Pin Description
I= Input, O=Output, I/O= Input/Output, O/D= Open Drain, P= Power,
LI= reset Latch Input, #= asserted low
5.1 MII Interface
Pin No.
Pin Name
Type
Description
37
LINK_I
I/O
External MII Device Link Status
38,39,40,
41
RXD[3:0]
I/O
External MII Receive Data
43
CRS
I/O
External MII Carrier Sense
44
COL
I/O
External MII Collision Detect
45
RX_DV
I/O
External MII Receive Data Valid
46
RX_ER
I/O
External MII Receive Error
47
RX_CLK
I/O
External MII Receive Clock
49
TX_CLK
I/O
External MII Transmit Clock
50,51,52,
53
TXD[3:0]
I/O
External MII Transmit Data
54
TX_EN
I/O
External MII Transmit Enable
56
MDIO
I/O
MII Serial Management Data
57
MDC
I/O
MII Serial Management Data Clock
5.2 EEPROM Interface
EEPROM
Interface
64
EEDI
I/O
Data from EEPROM
65
EEDO
I/O
Data to EEPROM
66
EECK
I/O
Clock to EEPROM
67
EECS
O
Chip Select to EEPROM
This pin is used as a strap pin to define the LED modes
When it is pulled high, the LED mode is the mode 1,
Otherwise it is mode 0
5.3 USB Interface
74
DM
I/O
USB Data Minus
75
DP
I/O
USB Data Plus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com