Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9601E Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
44
Final
Version: DM9601-DS-F01
June 22, 2002
13.3 DC Electrical Characteristics (VCC = 3.3V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
TTL Inputs
(TXD0~TXD3, TXCLK, MDC, MDIO, TXEN, TXER, RXEN, TESTMODE, RMII, PHYAD0~4, OPMODE0-2, RPTR,
BP4B5B, RESET# )
VIL
Input Low Voltage
---
---
0.8
V
VIH
Input High Voltage
2.0
---
---
V
IIL
Input Low Leakage Current
-1
---
---
uA
VIN = 0.0V
IIH
Input High Leakage Current
---
---
1
uA
VIN = 3.3V
MII TTL Outputs
( RXD0-RXD3, RXDV, RXER, CRS, COL, MDIO)
VOL
Output Low Voltage
---
---
0.4
V
IOL = 4mA
VOH
Output High Voltage
2.4
---
---
V
IOH = -4mA
Non-MII TTL Outputs
(LINKLED#, SPEEDLED#, FDXLED#, MDINTR#)
VOL
Output Low Voltage
---
---
0.4
V
IOL = 1mA
VOH
Output High Voltage
2.4
---
---
V
IOH = -0.1mA
Receiver
VICM
RX+/RX- Common mode Input
Voltage
---
1.2
---
V
100
Ω Termination
Across
Transmitter
VTD100
100TX+/- Differential Output
Voltage
1.9
2.0
2.1
V
Peak to Peak
VTD10
10TX+/- Differential Output Voltage
4.4
5
5.6
V
Peak to Peak
ITD100
100TX+/- Differential Output
Current
│19││20││21│
mA
ITD10
10TX+/- Differential Output Current
│44││50││56│
mA
13.4 USB Transceiver Interface DC Specification
Symbol
Parameter
Condition
Min
Max
Unit
VDI
Differential input
Sensitivity
0.2
V
VCM
Differential common mode
range
0.8
2.5
V
VIL
LOW-level input voltage
0.8
V
VIH
HIGH-level input voltage
2.0
V
VOL
LOW-level output voltage
0.3
V
VOH
HIGH-level output voltage
2.8
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com