Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS7620 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 11Page - Cirrus Logic CS7620 Datasheet HTML 12Page - Cirrus Logic CS7620 Datasheet HTML 13Page - Cirrus Logic CS7620 Datasheet HTML 14Page - Cirrus Logic CS7620 Datasheet HTML 15Page - Cirrus Logic CS7620 Datasheet HTML 16Page - Cirrus Logic CS7620 Datasheet HTML 17Page - Cirrus Logic CS7620 Datasheet HTML 18Page - Cirrus Logic CS7620 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
CS7620
DS301PP2
15
The output of the compander is available at the pins
DOUT<9:0> and it makes transitions either at the
falling or rising edges of the pixel rate clock CL-
KO, controlled by a register bit. The Falling edge
option is shown in Figure 14.
Two options exist for outputting data. The first op-
tion will output the pixel rate clock on the CLKO
pin. The polarity of the pixel clock out of the pin is
programmable so that the user may choose the ap-
propriate clock edge to latch in the data. Based on
the RD_OUT and HSYNC signals, the user will be
able to determine when he is over active pixels. The
second option will output a data_valid signal on the
CLKO pin that is synchronous with the input clock
(Figure 15). The data_valid signal will only toggle
over active pixels. The user may then latch the data
during this valid time. Note: DATA_VALID mode
cannot be used if the system clock runs at the pixel
rate.
3.4
Timing Generator
There are three timing options available with the
CS7620. The chip may produce all the vertical and
horizontal timing for the imager, only the horizon-
tal timing, or the chip may be used in a complete
slave mode and not produce any of the CCD timing
at all. Each will be discussed in detail in this sec-
tion.
3.4.1
Vertical and Horizontal Timing
Mode
To select this option, the user must tie the
BYPASS_PLL pin low and select the proper inter-
nal timing mode in the timing mode register. The
CS7620 is the master of the clocking. It will pro-
vide vertical outputs and horizontal outputs. In this
mode, the user must control two signals. The first is
the master PWR_DN signal. When this signal is
high, all of the CS7620 powers down except for the
1023
CODE_IN
CODE_OUT
8191
X1
X2
X3
SLOPE1
SLOPE2
SLOPE3
SLOPE4
OFFSET2
OFFSET3
OFFSET4
OFFSET1
64
(x2,y2)
(x1,y1)
(x3,y3)
Figure 13. 13-to-10 bit compander
Figure 14. CS7620 output data and clocks
CLKO
DOUT<9:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com