Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS7620 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 14Page - Cirrus Logic CS7620 Datasheet HTML 15Page - Cirrus Logic CS7620 Datasheet HTML 16Page - Cirrus Logic CS7620 Datasheet HTML 17Page - Cirrus Logic CS7620 Datasheet HTML 18Page - Cirrus Logic CS7620 Datasheet HTML 19Page - Cirrus Logic CS7620 Datasheet HTML 20Page - Cirrus Logic CS7620 Datasheet HTML 21Page - Cirrus Logic CS7620 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
CS7620
18
DS301PP2
trolled through the serial interface as described be-
low.
The pixel period is broken down into 8 equal time
periods. By delaying the clock a given number of
these time periods, different phases are created.
This is shown in Figure 19. These clock phases are
labeled t0-t7 and are shown relative to an idealized
CCD signal and the internal sampling signals.
Using these eight clock phases, the user may set the
rising and falling edges of each horizontal pixel
clock at 1/8 of a pixel clock period. In addition, the
user may set each horizontal signal to a default
state when the output lines are to be held constant
during blanking. The default timing for the hori-
zontal signals is shown in Figure 20 and Table 2.
See the register listing for more details.
Ideal
CCD Signal
CK_FT
CK_DT
internal
sampling
clocks
Figure 19. Detailed Signal Timing Showing Internal Clock Phases
H2
H3
H1
H4
RG
t0
t4 t5 t6 t7
t0
t3 t4 t5 t6 t7
t1 t2
t3
t1 t2
Ideal
CCD Signal
default
settings
Figure 20. Default Timing of Horizontal Signals to the CCD
Signal
Rising edge
Falling edge
Hold level
H1
t0
t5
high (‘1’)
H2
t2
t7
high (‘1’)
H3
t4
t1
high (‘1’)
H4
t6
t3
low (‘0’)
Table 2. Default Phases for Horizontal Signal Edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com