Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS7620 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 30Page - Cirrus Logic CS7620 Datasheet HTML 31Page - Cirrus Logic CS7620 Datasheet HTML 32Page - Cirrus Logic CS7620 Datasheet HTML 33Page - Cirrus Logic CS7620 Datasheet HTML 34Page - Cirrus Logic CS7620 Datasheet HTML 35Page - Cirrus Logic CS7620 Datasheet HTML 36Page - Cirrus Logic CS7620 Datasheet HTML 37Page - Cirrus Logic CS7620 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
CS7620
34
DS301PP2
4.10
Gain Calibration - Offset 1
Default = 00h; Read/Write (address 10h)
4.11
Gain Calibration - Offset 2
Default = 00h; Read/Write (address 11h)
Bit Number
765432
10
Bit Name
gain_offset17
gain_offset16
gain_offset15
gain_offset14
gain_offset13 gain_offset 12 gain_offset11
gain_offset10
Default
0
0000000
Bit
Mnemonic
Function
7
gain_offset17
Gain Calibration Offset 1: Offset added to 4x gain segment, values are in 2’s
complement. See details in register 12h.
6
gain_offset16
5
gain_offset15
4
gain_offset14
3
gain_offset13
2
gain_offset12
1
gain_offset11
0
gain_offset10
Bit Number
765432
10
Bit Name
gain_offset27 gain_offset26 gain_offset25 gain_offset24 gain_offset23
gain_offset
22
gain_offset21 gain_offset20
Default
0
0000000
Bit
Mnemonic
Function
7
gain_offset27
Gain Calibration Offset 2: Offset added to 2x gain segment, values are in 2’s
complement. See details in register 12h.
6
gain_offset26
5
gain_offset25
4
gain_offset24
3
gain_offset23
2
gain_offset22
1
gain_offset21
0
gain_offset20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com