Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC92433 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC92433 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
9
MPC92433
PLL Divider Configuration
Programming the MPC92433
The MPC92433 has a parallel and a serial configuration
interface. The purpose of the parallel interface is to directly
configure the PLL dividers through hardware pins without the
overhead of a serial protocol. At device startup, the device
always obtains an initial PLL frequency configuration through
the parallel interface. The parallel interface does not support
reading the PLL configuration.
The serial interface is I2C compatible. It allows reading and
writing devices settings by accessing internal device
registers. The serial interface is designed for host-controller
access to the synthesizer frequency settings for instance in
frequency-margining applications.
Using the Parallel Interface
The parallel interface supports write-access to the PLL
frequency setting directly through 15 configuration pins (P,
M[9:0], NA[2:0], and NB). The parallel interface must be
enabled by setting PLOAD to logic low level. During
PLOAD = 0, any change of the logical state of the P, M[9:0],
NA[2:0], and NB pins will immediately affect the internal PLL
divider settings, resulting in a change of the internal VCO-
frequency and the output frequency. The parallel interface
mode disables the I2C write-access to the internal registers;
however, I2C read-access to the internal configuration
registers is enabled.
Upon startup, when the device reset signal is released
(rising edge of the MR signal), the device reads its startup
configuration through the parallel interface and independent
on the state of PLOAD. It is recommended to provide a valid
PLL configuration for startup. If the parallel interface pins are
left open, a default PLL configuration will be loaded. After the
low-to-high transition of PLOAD, the configuration pins have
no more effect and the configuration registers are made
accessible through the serial interface.
Using the I2C Interface
PLOAD = 1 enables the programming and monitoring of
the internal registers through the I2C interface. Device
register access (write and read) is possible through the 2-wire
interface using SDA (configuration data) and SCL
(configuration clock) signals. The MPC92433 acts as a slave
device at the I2C bus. For further information on I2C it is
recommended to refer to the I2C bus specification (version
2.1).
PLOAD = 0 disables the I2C-write-access to the configura-
tion registers and any data written into the register is ignored.
However, the MPC92433 is still visible at the I2C interface
and I2C transfers are acknowledged by the device. Read-ac-
cess to the internal registers during PLOAD = 0 (parallel pro-
gramming mode) is supported.
Note that the device automatically obtains a configuration
using the parallel interface upon the release of the device
reset (rising edge of MR) and independent on the state of
PLOAD. Changing the state of the PLOAD input is not
supported when the device performs any transactions on the
I2C interface.
Programming Model and Register Set
The synthesizer contains two fully accessible configuration
registers (PLL_L and PLL_H) and a write-only command
register (CMD). Programming the synthesizer frequency
through the I2C interface requires two steps: 1) writing a valid
PLL configuration to the configuration registers and 2)
loading the registers into the PLL by an I2C command. The
PLL frequency is affected as a result of the second step.
This two-step procedure can be performed by a single I2C
transaction or by multiple, independent I2C transactions. An
alternative way to achieve small PLL frequency changes is to
use the increment or decrement commands of the
Table 8. Pre-PLL Divider P
PValue
0fREF ÷ 2
1fREF ÷ 4
Table 9. Post-PLL Divider NA and NB
NA2
NA1
NA0
NB
fOUT (QA)
fOUT (QB)
00
0
0
fVCO ÷ 2
fVCO ÷ 2
00
1
0
fVCO ÷ 32
fVCO ÷ 32
01
0
0
fVCO ÷ 8
fVCO ÷ 8
01
1
0
fVCO ÷ 12
fVCO ÷ 12
10
0
0
fVCO ÷ 4
fVCO ÷ 4
10
1
0
fVCO ÷ 6
fVCO ÷ 6
11
0
0
fVCO ÷ 16
fVCO ÷ 16
11
1
0n/a
n/a
00
0
1
fVCO ÷ 2
fVCO ÷ 4
00
1
1n/a
n/a
01
0
1
fVCO ÷ 8
fVCO ÷ 16
01
1
1n/a
n/a
10
0
1
fVCO ÷ 4
fVCO ÷ 8
10
1
1
fVCO ÷ 6
fVCO ÷ 12
11
0
1
fVCO ÷ 16
fVCO ÷ 32
11
1
1n/a
n/a
Table 10. Feedback Divider Configuration
Feedback
Divider M
98
76
54
32
1
0
Pin
M9 M8 M7 M6 M5 M4 M3 M2 M1 M0
Default
01
11
11
01
0
0
Table 11. PLL Pre/Post Divider Configuration (N, P)
Post-D.
NA
210
Post-D.
NB
NB
Pre-D.
P
P
Pin
NA2
NA1
NA0
Pin
NB
Pin
P
Default
010
Default
0
Default
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com