Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC92433 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC92433 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Advanced Clock Drivers Devices
16
Freescale Semiconductor
MPC92433
VCC_PLL Filter
The MPC92433 is a mixed analog/digital product. Its
analog circuitry is naturally susceptible to random noise,
especially if this noise is seen on the power supply pins.
Random noise on the VCC_PLL pin impacts the device AC
characteristics. The MPC92433 provides separate power
supplies for the digital circuitry (VCC) and the internal PLL
(VCC_PLL) of the device. The purpose of this design
technique is to isolate the high switching noise digital outputs
from the relatively sensitive internal analog phase-locked
loop. In digital system environments where it is more difficult
to minimize noise on the power supplies a second level of
isolation is recommended: a power supply filter on the
VCC_PLL pin for the MPC92433.
Figure 7. VCC_PLL Power Supply Filter
Figure 7 illustrates a recommended power supply filter
scheme.
The MPC92433 is most susceptible to noise with spectral
content in the 100 kHz to 1 MHz range. Therefore, the filter
should be designed to target this range. The key parameter
that needs to be met in the final filter design is the DC voltage
drop that will be seen between the VCC supply and the
VCC_PLL pin of the MPC92433. From the data sheet, the
VCC_PLL current (the current sourced through the VCC_PLL
pin) is maximum 10 mA, assuming that a minimum of 2.985 V
must be maintained on the VCC_PLL pin. The resistor shown
in Figure 7 must have a resistance of 10–15
Ω to meet the
voltage drop criteria. The minimum values for RF and the filter
capacitor CF are defined by the filter characteristics: the RC
filter should provide an attenuation greater than 40 dB for
noise whose spectral content is above 100 kHz. In the
recommended filter shown in Figure 7 the filter cut-off
frequency is around 3.0–4.5 kHz and the noise attenuation at
100 kHz is better than 42 dB.
As the noise frequency crosses the series resonant point
of an individual capacitor its overall impedance begins to look
inductive and thus increases with increasing frequency. The
parallel capacitor combination shown ensures that a low
impedance path to ground exists for frequencies well above
the bandwidth of the PLL.
The On-Chip Crystal Oscillator
The MPC92433 features an integrated on-chip crystal
oscillator to minimize system implementation cost. The
integrated oscillator is a Pierce-type that uses the crystal in
its parallel resonance mode. It is recommended to use a 15
to 20 MHz crystal with a load specification of CL =10 pF.
Crystals with a load specification of CL = 20 pF may be used
at the expense of an resulting slightly higher frequency than
specified for the crystal. Externally connected capacitors on
both the XTAL_IN and XTAL_OUT pins are not required but
can be used to fine-tune the crystal frequency as desired.
The crystal, the trace and optional capacitors should be
placed on the board as close as possible to the MPC92433
XTAL_IN and XTAL_OUT pins to reduce crosstalk of active
signals into the oscillator. Short and wide traces further
reduce parasitic inductance and resistance. It is further
recommended to guard the crystal circuit by placing a ground
ring around the traces and oscillator components.
RF = 10–15 Ω
VCC
CF = 22 µF
10 nF
33...100 nF
VCC_PLL
VCC
MPC92433
7
Table 22. Recommended Crystal Specifications
Parameter
Value
Crystal Cut
Fundamental AT Cut
Resonance Mode
Parallel
Crystal Frequency
16–20 MHz
Shunt Capacitance C0
5–7 pF
Load Capacitance CL
10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com