Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC92433 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC92433 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Advanced Clock Drivers Devices
12
Freescale Semiconductor
MPC92433
Read Mode (R/W = 1)
The configuration registers are read by the bus controller
by the initiation of a read transfer. The MPC92433 supports
read transfers immediately after the first byte without a
change in the transfer direction. Immediately after the bus
controller sends the slave address, the MPC92433
acknowledges and then sends both configuration register
PLL_L and PLL_H (back-to-back) to the bus controller. The
CMD register cannot be read. In order to read the two
synthesizer registers and the current PLL configuration
setting, the user can 1) read PLL_L, PLL_H, write the GET
command (loads the current configuration into PLL_L,
PLL_H) and read PLL_L, PLL_H again. Note that the PLL_L,
PLL_H registers and divider settings may not be equivalent
after the following cases:
a.
Writing the INC command
b.
Writing the DEC command
c.
Writing PLL_L, PLL_H registers with a new
configuration and not writing the LOAD command.
Device Startup
General Device Configuration
It is recommended to reset the MPC92433 during or
immediately after the system powers up (MR = 0). The device
acquires an initial PLL divider configuration through the
parallel interface pins M[9:0], NA[2:0], N, and P(1) with the
low-to-high transition of MR(2). PLL frequency lock is
achieved within the specified lock time (tLOCK) and is
indicated by an assertion of the LOCK signal which
completes the startup procedure. It is recommended to
disable the outputs (CLK_STOPx = 0) until PLL lock is
achieved to suppress output frequency transitions. The
output frequency can be reconfigured at any time through
either the parallel or the serial interface.
Note that a PLL configuration obtained by the parallel
interface can be read through I2C independent on the current
programming mode (parallel or serial). Refer to the I2C —
Register Access in Parallel Mode section for additional
information on how to read a PLL startup configuration
through the I2C interface.
Starting-Up Using the Parallel Interface
The simplest way to use the MPC92433 is through the
parallel interface. The serial interface pins (SDA, SDL) and
ADDR[1:0]) can be left open and PLOAD is set to logic low.
After the release of MR and at any other time the PLL/output
frequency configuration is directly set to through the M[9:0],
NA[2:0], NB, and P pins.
Start-Up Using the Serial (I2C) Interface
Figure 4. Start-Up Using I2C Interface
Set PLOAD = 1, CLK_STOPx = L and leave the parallel
interface pins (M[9:0], NA[2:0], N, and P) open. The PLL
dividers are configured by the default configuration at the low-
to-high transition of MR. This initial PLL configuration can be
re-programmed to the final VCO frequency at any time
through the serial interface. After the PLL achieved lock at the
desired VCO frequency, enable the outputs by setting
CLK_STOPx = H. PLL lock and re-lock (after any
configuration change through M or P) is indicated by LOCK
being asserted.
Table 19. Configuration Register Read Transfer
1 bit
7 bits
1 bit
1 bit
8 bits
1 bit
8 bits
1 bit
1 bit
Start
Slave address
R/W
ACK
PLL_L
ACK
PLL_H
ACK
Stop
10110xx(1)
1. xx = state of ADR1, ADR0 pins
1
Data
Data
Master
Master
Mast
Slave
Slave
Mast
Slave
Master
Slave
1. The parallel interface pins M[9:0], NA[2:0], N, and P may be left open (floating). In this case the initial PLL configuration will have the default
setting of M = 500, P = 1, NA[2:0] = 010, NB = 0, resulting in an internal VCO frequency of 2000 MHz (fref = 16 MHz) and an output frequency
of 250 MHz.
2. The initial PLL configuration is independent on the selected programming mode (PLOAD low or high)
VCC
MR
P, M, N
PLOAD
LOCK
CLK_STOPx
QA, QB
Stable & Valid
Selects I2C
Acquiring Lock
PLL Lock
Disabled (Low)
tPLH
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com