Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC92433 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC92433 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Advanced Clock Drivers Devices
14
Freescale Semiconductor
MPC92433
Frequency Operating Range
Table 20. MPC92433 Frequency Operating Range for P=2
fVCO [MHz] (parameter: fREF in MHz)
Output frequency for fXTAL=16 MHz (parameter N)
M
M[9:0]
15
16
18
20
2
4
6
8
12
16
32
170
0010101010
1360
1530
1700
680
340
226.67
170
113.33
85
42.50
180
0010110100
1440
1620
1800
720
360
240.00
180
120.00
90
45.00
190
0010111110
1425
1520
1710
1900
760
380
253.33
190
126.67
95
47.50
200
0011001000
1500
1600
1800
2000
800
400
266.67
200
133.33
100
50.00
210
0011010010
1575
1680
1890
2100
840
420
280.00
210
140.00
105
52.50
220
0011011100
1650
1760
1980
2200
880
440
293.33
220
146.67
110
55.00
230
0011100110
1725
1840
2070
2300
920
460
306.67
230
153.33
115
57.50
240
0011110000
1800
1920
2160
2400
960
480
320.00
240
160.00
120
60.00
250
0011111010
1875
2000
2250
2500
1000
500
333.33
250
166.67
125
62.50
260
0100000100
1950
2080
2340
2600
1040
520
346.67
260
173.33
130
65.00
270
0100001110
2025
2160
2430
2700
1080
540
360.00
270
180.00
135
67.50
280
0100011000
2100
2240
2520
2800
1120
560
373.33
280
186.67
140
70.00
290
0100100010
2175
2320
2610
1160
580
386.67
290
193.33
145
72.50
300
0100101100
2250
2400
2700
1200
600
400.00
300
200.00
150
75.00
310
0100110110
2325
2480
2790
1240
620
413.33
310
206.67
155
77.50
320
0101000000
2400
2560
1280
640
426.67
320
213.33
160
80.00
330
0101001010
2475
2640
1320
660
440.00
330
220.00
165
82.50
340
0101010100
2550
2720
1360
680
453.33
340
226.67
170
85.00
350
0101011110
2625
2800
1400
700
466.67
350
233.33
175
87.50
357
0101100101
2667.5
2856
1428
714
476.00
357
238.00
178.50
89.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com