Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804455 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0804455
Description  PCB terminal block, Push-in spring connection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804455 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0804455 Datasheet HTML 1Page - PHOENIX CONTACT 0804455 Datasheet HTML 2Page - PHOENIX CONTACT 0804455 Datasheet HTML 3Page - PHOENIX CONTACT 0804455 Datasheet HTML 4Page - PHOENIX CONTACT 0804455 Datasheet HTML 5Page - PHOENIX CONTACT 0804455 Datasheet HTML 6Page - PHOENIX CONTACT 0804455 Datasheet HTML 7Page - PHOENIX CONTACT 0804455 Datasheet HTML 8Page - PHOENIX CONTACT 0804455 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1719341 SPT 5/ 5-V-7,5-ZB
REF 1719312
PHOENIX CONTACT
4 / 14
2017-11-13
Product version 03
Document revision 0
6Dimensions
Order No.
1719341
Type
SPT 5/ 5-V-7,5-ZB
Range of articles
SPT 5/..-V
Pitch
7.5 mm
Number of positions
5
Connection method
Push-in spring connection
Mounting type
Wave soldering
Pin layout
ZB - Zig-zag back pinning W
5
item properties
Conductor cross section, solid
0.2 mm² to 10 mm²
Conductor cross section, flexible
0.2 mm² to 6 mm²
Conductor cross section AWG/kcmil
24 to 8
Conductor cross section flexible, with ferrule without plastic sleeve
0.25 mm² to 6 mm²
Conductor cross section flexible, with ferrule with plastic sleeve
0.25 mm² to 4 mm²
2 conductors with same cross section, stranded, with TWIN ferrules with
plastic sleeve
0.25 mm² to 1.5 mm²
Stripping length
15 mm
5.1
Connection capacity
Material of metal parts
Note
WEEE/RoHS-compliant, whisker-free acc. to IEC 60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Terminal point surface
Sn 4 µm ... 8 µm
Soldering area surface
Sn 4 µm ... 8 µm
Surface characteristics
Tin-plated
5.2
Material data
Insulating material data
Housing
Housing
Insulating material
PA
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Color
green (6021)
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-13
775
Temperature for the ball pressure test according to EN 60695-10-2
125 °C
Length
18.5 mm
Width
39.3 mm
Height (without solder pin)
14.4 mm
Total height
19 mm
Solder pin [P]
4.6 mm
Dimension a
30 mm
6.1
Dimensions for the product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com