Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804455 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 0804455
Description  PCB terminal block, Push-in spring connection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804455 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 0804455 Datasheet HTML 5Page - PHOENIX CONTACT 0804455 Datasheet HTML 6Page - PHOENIX CONTACT 0804455 Datasheet HTML 7Page - PHOENIX CONTACT 0804455 Datasheet HTML 8Page - PHOENIX CONTACT 0804455 Datasheet HTML 9Page - PHOENIX CONTACT 0804455 Datasheet HTML 10Page - PHOENIX CONTACT 0804455 Datasheet HTML 11Page - PHOENIX CONTACT 0804455 Datasheet HTML 12Page - PHOENIX CONTACT 0804455 Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
1719341 SPT 5/ 5-V-7,5-ZB
REF 1719312
PHOENIX CONTACT
9 / 14
2017-11-13
Product version 03
Document revision 0
11
Electrical tests
Rated current / conductor cross section
41 A / 6 mm²
Rated insulation voltage (III/2)
1000 V
Rated surge voltage (III/2)
8 kV
Contact resistance
0.4 mΩ
Degree of pollution
2
11.1
Electrical data
Specification
IEC 60664-1:2007-04
Mains type
unearthed mains
Insulating material group
I
Comparative tracking index (IEC 60112:2003-01)
CTI 600
Rated insulation voltage
800 V
1000 V
1000 V
Rated surge voltage
8 kV
8 kV
6 kV
Degree of pollution
3
2
2
Overvoltage category
III
III
II
Minimum clearance case A (inhomogeneous field)
8 mm
8 mm
5.5 mm
Minimum value of the creepage path requirement in acc. with table
10 mm
8 mm
5.5 mm
Note on connection cross section
Note
11.2
Air clearances and creepage distances
Specification
IEC 60998-2-1:2002-12
Result
Test passed
Requirement temperature-rise test
Increase in temperature ≤ 45 K
Conductor cross section/test current/temperature rise
10 mm² / 57 A / 44 K
11.3
Temperature rise test
Specification
Following IEC 60512-5-2:2002-02
Result
Test passed
Conductor cross section/test current/temperature rise
6 mm² / 41 A / 40 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com